Electronic Components Datasheet Search
  English  ▼

X  

EN5360DI Datasheet(PDF) 5 Page - Enpirion, Inc.

Part # EN5360DI
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5360DI Datasheet(HTML) 5 Page - Enpirion, Inc.

  EN5360DI Datasheet HTML 1Page - Enpirion, Inc. EN5360DI Datasheet HTML 2Page - Enpirion, Inc. EN5360DI Datasheet HTML 3Page - Enpirion, Inc. EN5360DI Datasheet HTML 4Page - Enpirion, Inc. EN5360DI Datasheet HTML 5Page - Enpirion, Inc. EN5360DI Datasheet HTML 6Page - Enpirion, Inc. EN5360DI Datasheet HTML 7Page - Enpirion, Inc. EN5360DI Datasheet HTML 8Page - Enpirion, Inc. EN5360DI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Rev 1.0 – July 2005
www.enpirion.com
5
EN5360
Electrical Characteristics
NOTE: VIN=3.3V and over operating temperature range unless otherwise noted. Typical values are at TA =
25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input
Voltage
VIN
2.375
5.5
V
Quiescent Supply
Current
IQ
No switching, AVIN = 3.3V,
PVIN = 3.3V, ENABLE=0V
20
mA
No-Load Operating
Current
INL
Includes PWM, gate drive and
inductor ripple current.
100
mA
Switching
Frequency
FOSC
5
MHz
Thermal Overload
Trip Point
TJ
160
°C
VOUT
Range
VOUT
Using external voltage divider
0.8
V
Accuracy
VOUT
Over line, load and temperature
2.0
%
Line Regulation
∆VOUT
VIN = 2.5 to 5.0 volts
3
mV
Load Regulation
∆VOUT
ILOAD = 0 to 6A
3
mV
∆VOUT
TA= 0 to 70ºC
+0.25
-0.45
%
Temperature
Regulation
∆VOUT
TA= -40 to 85ºC
+0.65
-0.55
%
Transient Response (IOUT = 0% to 100% or 100% to 0% of Rated Load)
Peak Deviation
VOUT
VIN = 5V, 1.2V < VOUT < 3.3V
2
5
%
Output Voltage Ripple (with 5 x 10µF X5R or X7R ceramic capacitors)
Peak-to-peak
VOUT-PP
VIN = 5.0V, VOUT = 1.2V, IOUT = 6A,
COUT = 50uF, 5 x 10µF X5R or X7R
ceramic capacitors
15
mV
Output Current (Note 4)
Max Continuous
Output Current
IOUT
6
A
Over-Current
Threshold
IOCP
9
A
Short-Circuit
Current
ISC
8.5
A
Enable Operation
Disable Threshold
VDISABLE
Max voltage to ensure the converter
is disabled
0.8
V
Enable Threshold
VENABLE
Min voltage to ensure the converter
is enabled
1.8
V
Power OK Operation
POK low voltage
VPOK
IPOK = 1mA
0.4
V
Max POK Voltage
VPOK
Supply voltage applied to POK
5.5
V
NOTES:
4. Maximum output current may need to be de-rated, based on operating condition, to meet TJ requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com