Electronic Components Datasheet Search
  English  ▼

X  

SW5 Datasheet(PDF) 8 Page - 4D Systems Pty Ltd

Part # SW5
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW5 Datasheet(HTML) 8 Page - 4D Systems Pty Ltd

Back Button SW5 Datasheet HTML 4Page - 4D Systems Pty Ltd SW5 Datasheet HTML 5Page - 4D Systems Pty Ltd SW5 Datasheet HTML 6Page - 4D Systems Pty Ltd SW5 Datasheet HTML 7Page - 4D Systems Pty Ltd SW5 Datasheet HTML 8Page - 4D Systems Pty Ltd SW5 Datasheet HTML 9Page - 4D Systems Pty Ltd SW5 Datasheet HTML 10Page - 4D Systems Pty Ltd SW5 Datasheet HTML 11Page - 4D Systems Pty Ltd SW5 Datasheet HTML 12Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 8 of 20
www.4dsystems.com.au
provided by the chip to interface directly to the
display. Simply choose your display and interface it to
the GOLDELOX on your application board. This offers
enormous advantage to the designer in development
time and cost saving and takes away all of the burden
of low level design.
The data sheet for the processor is available from the
http://www.4dsystems.com.au website:
“GOLDELOX-DS-revx.pdf”
5.3. SD/SDHC Memory Cards
The module supports micro-SD memory cards via the
on-board micro-SD connector. The memory card is
used for all multimedia file retrieval such as images,
animations and movie clips. The memory card can also
be used as general purpose storage for data logging
applications. Support is available for off-the-shelf
micro-SD and high capacity HC memory cards (4GB
and above).
Note: A microSD card capable of SPI is a requirement
for all 4D Systems’ display modules powered by
Goldelox, Picaso or Diablo16 Processors. If a non-SPI
compatible card is used, it will simply fail to mount, or
may cause intermittent issues resulting in lock ups and
crashing of the application. Please refer to the 4D
Systems website for microSD cards offered by 4D
Systems.
6. OLED Screen Precautions
• Avoid having a White Background. The more pixels
that are lit up, the more the display module will
consume current. A full white screen will have the
highest power consumption.
• Avoid displaying objects or text on White
Backgrounds. This will cause a smearing effect
which is inherent to all PMOLED displays. Instead
try a shaded mixed colour as the background or
better still a black background. Ideally have mixed
coloured objects/text/icons on a black background.
• Avoid having to display the same image/object on
the screen for lengthy periods of time. This will
cause a burn-in which is a common problem with all
types of display technologies. Blank the screen after
a while or dim it very low by adjusting the contrast.
Better still; implement a screen saver feature.
• The display can be easily scratched. The soft
polarisation film on the glass surface may be
damaged if rubbed by hard objects. Handle with
care to avoid scratching the display
.
• Moisture and water can damage the display.
Moisture on the surface of a powered display will
cause the electrodes to corrode. Wipe off any
moisture gently or let the display dry before usage.
• Dirt from fingerprint oil and fat can easily stain the
surface of the display. Gently wipe off any stains
with a soft lint-free cloth.
• The performance of the display will degrade under
high temperature and humidity. Avoid such
conditions when storing.
• Displays are susceptible to mechanical shock and
any force exerted on the module may result in
deformed zebra strips and cracks.
•
Always use the mounting holes on the module's
printed circuit board to mount the display.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com