Electronic Components Datasheet Search
  English  ▼

X  

SW5 Datasheet(PDF) 12 Page - 4D Systems Pty Ltd

Part # SW5
Description  microOLED Display Modules
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  4DSYSTEMS [4D Systems Pty Ltd]
Direct Link  https://4dsystems.com.au/
Logo 4DSYSTEMS - 4D Systems Pty Ltd

SW5 Datasheet(HTML) 12 Page - 4D Systems Pty Ltd

Back Button SW5 Datasheet HTML 8Page - 4D Systems Pty Ltd SW5 Datasheet HTML 9Page - 4D Systems Pty Ltd SW5 Datasheet HTML 10Page - 4D Systems Pty Ltd SW5 Datasheet HTML 11Page - 4D Systems Pty Ltd SW5 Datasheet HTML 12Page - 4D Systems Pty Ltd SW5 Datasheet HTML 13Page - 4D Systems Pty Ltd SW5 Datasheet HTML 14Page - 4D Systems Pty Ltd SW5 Datasheet HTML 15Page - 4D Systems Pty Ltd SW5 Datasheet HTML 16Page - 4D Systems Pty Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
microOLED Display Modules
uOLED-160G2
Page 12 of 20
www.4dsystems.com.au
11. Display Module Part Numbers
The following is a breakdown on the part numbers and
what they mean.
Example:
uOLED-160G2
uOLED
- microOLED Display Family
160
- Display size (1.7”)
G
- Goldelox Processor
2
- Generation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com