Electronic Components Datasheet Search
  English  ▼

X  

ICS950813 Datasheet(PDF) 19 Page - Integrated Circuit Systems

Part # ICS950813
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950813 Datasheet(HTML) 19 Page - Integrated Circuit Systems

Back Button ICS950813 Datasheet HTML 14Page - Integrated Circuit Systems ICS950813 Datasheet HTML 15Page - Integrated Circuit Systems ICS950813 Datasheet HTML 16Page - Integrated Circuit Systems ICS950813 Datasheet HTML 17Page - Integrated Circuit Systems ICS950813 Datasheet HTML 18Page - Integrated Circuit Systems ICS950813 Datasheet HTML 19Page - Integrated Circuit Systems ICS950813 Datasheet HTML 20Page - Integrated Circuit Systems ICS950813 Datasheet HTML 21Page - Integrated Circuit Systems ICS950813 Datasheet HTML 22Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
19
ICS950813
Advance Information
0708—10/10/02
Power Down De-Assertion Mode
The power-up latency needs to be less than 1.8mS. this is the time from the de-asseration of the powerdown of the ramping
of the power supply until the time that stable clocks are output from the clock chip. If the I
2C Bit 6 of Byte 0 is programmed
to "1" then the stopped CPU outputs will be driven high within 3 nS of PD# de-asseration.
Test Configuration Diagram
CPU 0.7V Configuration test load board termination
TLA
TLB
MULTSEL Pin must be High
Rs=33 Ohms
5%
Rs=33 Ohms
5%
Rp=49.9 Ohms
1%
Rp=49.9 Ohms
1%
Rset=475 Ohms
1%
2pF
5%
2pF
5%
CPUCLKT test
point
CPUCLKC test
point
CLK408



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com