Electronic Components Datasheet Search
  English  ▼

X  

FTP10N40C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FTP10N40C
Description  N-Channel Enhancement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FTP10N40C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FTP10N40C Datasheet HTML 1Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 2Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 3Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 4Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 5Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Confidential
Empower The World
Empower The World
3
IInPower
nPower Mosfet
Mosfet Products
Products (1)
(1)
NOW
TO-220
550m
10
400
N-Channel Enhancement
FTP10N40C
NOW
TO-220
1
6
400
N-Channel Enhancement
FTA06N40D
4Q
TO-3PN
75m
30
200
N-Channel Enhancement
FTW30N20A
NOW
TO-220/263
180m
18
200
N-Channel Enhancement
FTP18N20
NOW
TO-251/252/220
400m
9
200
N-Channel Enhancement
FTP09N20
NOW
TO-251/252/220
600m
6
200
N-Channel Enhancement
FTD220
NOW
TO-220
23m
57
100
N-Channel Enhancement
FTP23N10A
NOW
TO-220
48m
33
100
N-Channel Enhancement
FTP540
NOW
TO-251/252/220
100m
17
100
N-Channel Enhancement
FTD100N10A
4Q
TO-220
11m
100
75
N-Channel Enhancement
FTP11N08N
NOW
TO-220
11m
100
75
N-Channel Enhancement
FTP11N08A
4Q
TO-220
8m
110
60
N-Channel Enhancement
FTP08N06A
4Q
TO-220
16m
88
60
N-Channel Enhancement
FTP16N06N
4Q
TO-220
16m
88
60
N-Channel Enhancement
FTP12N06N
NOW
TO-220
18m
59
60
N-Channel Enhancement
FTP18N06
NOW
TO-251/252/220
18m
55
60
N-Channel Enhancement
FTP18N06N
NOW
TO-251/252/220
36m
25
60
N-Channel Enhancement
FTD36N06N
NOW
TO-251/252/220
6m
110
25
N-Channel Enhancement
FTD06N03N
NOW
TO-251/252/220
8m
90
25
N-Channel Enhancement
FTD09N03N
Mass Production
Available Available
Rdson (Ohm)
Current (A)
Voltage
(V)
Type
Part Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com