Electronic Components Datasheet Search
  English  ▼

X  

FTP10N40C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FTP10N40C
Description  N-Channel Enhancement
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FTP10N40C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FTP10N40C Datasheet HTML 1Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 2Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 3Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 4Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 5Page - List of Unclassifed Manufacturers FTP10N40C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Confidential
Empower The World
Empower The World
4
IInPower
nPower Mosfet
Mosfet Products
Products (2)
(2)
NOW
TO-220
2.2
4
650
N-Channel Enhancement
FTA04N65C
NOW
TO-220/251/252
5.3
2
650
N-Channel Enhancement
FTA02N65C
NOW
TO-251/252/220
7
1
650
N-Channel Enhancement
FTN01N65C
NOW
TO-3PN
0.45
20
600
N-Channel Enhancement
FTW20N60A
NOW
TO-220
0.75
10
600
N-Channel Enhancement
FTA10N60C
NOW
TO-220
1.1
8
600
N-Channel Enhancement
FTA08N60C
NOW
TO-220/263
1.2
7
600
N-Channel Enhancement
FTA07N60C
NOW
TO-220
1.25
6
600
N-Channel Enhancement
FTA06N60C
NOW
TO-220
2.2
4
600
N-Channel Enhancement
FTA04N60D
NOW
TO-251/252
2.2
4
600
N-Channel Enhancement
FTD04N60C
NOW
TO-220
4.4
2
600
N-Channel Enhancement
FTA02N60C
NOW
TO-92/251/252
8
1
600
N-Channel Enhancement
FTN01N60C
NOW
TO-92
15
0.7
600
N-Channel Enhancement
FTNCS1N60
4Q
SOT-23
500
23m
600
N-Channel Enhancement
FTZ127
NOW
TO-3PN
300m
20
500
N-Channel Enhancement
FTW20N50A
NOW
TO-220
480m
14
500
N-Channel Enhancement
FTP14N50C
NOW
TO-220
0.85
8
500
N-Channel Enhancement
FTP08N50D
NOW
TO-220
1.5
5
500
N-Channel Enhancement
FTP05N50D
NOW
TO-220
3
3
500
N-Channel Enhancement
FTP03N50D
Mass Production
Available Available
Rdson (Ohm)
Current (A)
Voltage
(V)
Type
Part Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com