Electronic Components Datasheet Search
  English  ▼

X  

AC162059 Datasheet(PDF) 24 Page - Microchip Technology

Part # AC162059
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162059 Datasheet(HTML) 24 Page - Microchip Technology

Back Button AC162059 Datasheet HTML 20Page - Microchip Technology AC162059 Datasheet HTML 21Page - Microchip Technology AC162059 Datasheet HTML 22Page - Microchip Technology AC162059 Datasheet HTML 23Page - Microchip Technology AC162059 Datasheet HTML 24Page - Microchip Technology AC162059 Datasheet HTML 25Page - Microchip Technology AC162059 Datasheet HTML 26Page - Microchip Technology AC162059 Datasheet HTML 27Page - Microchip Technology AC162059 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
Required Debug Headers
DS51292T-page 24
 2006-2012 Microchip Technology Inc.
AC244023, AC244024
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
When the MPLAB ICD 2 is used with this header, you must use the Vpp Limiter
(AC164112).
FIGURE 10:
VPP LIMITER SCHEMATIC
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header
ICE/ICD Device
Board Assembly Number
AC244023
PIC18F14K50-ICE
02-02031
AC244024
PIC18LF14K50-ICE
VREF
J1
VPP
VDD
VSS
ICSP_DATA
ICSP_CLOCK
NC
RJ11-6PIN
RJ11-6PIN
J2
R1
270 Ohm
To MPLAB® ICD
To Target Board
1
2
3
4
5
61
2
3
4
5
6
R2
R3
10k 1%
24k 1%
U1
LM431BCMX
A
2
3
6
7
8
A
A
A
K
NC
NC
1
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com