Electronic Components Datasheet Search
  English  ▼

X  

AC162059 Datasheet(PDF) 8 Page - Microchip Technology

Part # AC162059
Description  Debug Header Specification
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162059 Datasheet(HTML) 8 Page - Microchip Technology

Back Button AC162059 Datasheet HTML 4Page - Microchip Technology AC162059 Datasheet HTML 5Page - Microchip Technology AC162059 Datasheet HTML 6Page - Microchip Technology AC162059 Datasheet HTML 7Page - Microchip Technology AC162059 Datasheet HTML 8Page - Microchip Technology AC162059 Datasheet HTML 9Page - Microchip Technology AC162059 Datasheet HTML 10Page - Microchip Technology AC162059 Datasheet HTML 11Page - Microchip Technology AC162059 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
Required Debug Headers
DS51292T-page 8
 2006-2012 Microchip Technology Inc.
AC162050, AC162058
Header Identification
The header AC number is used for ordering the header. However, this number is not
on the debug header, as the board is often used for multiple headers by inserting
different ICE/ICD devices. To identify these debug headers, use the following
information.
Header Setup and Operation
For these headers, device peripherals need to be selected by setting jumper J1 to the
appropriate position. For AC162050, this will have the effect of selecting the device.
Header Limitations
See the “Limitations” section in your debug tool online Help file for details.
Header Dimensions
The figure below lists the dimensions for the debug header. Dimensions are design
values in inches.
If the length and/or width of the debug header is too large a footprint for the target
board, consider using stand-offs, transition sockets or other extenders in the header
connection socket to raise the header above the target.
PIC16F685/687
20
AC162061
PIC16F690-ICD
5.5V
PIC16F688
14
AC162056
PIC16F688-ICD
5.5V
PIC16F689/690
20
AC162061
PIC16F690-ICD
5.5V
PIC16F716
18
AC162054
PIC16F716-ICD
5.5V
PIC16F785/HV785
20
AC162060
PIC16F785-ICD
5.5V
PIC18F13K50
PIC18F14K50
20
AC244023
PIC18F14K50-ICE
5.5V
PIC18LF13K50
PIC18LF14K50
20
AC244024
PIC18LF14K50-ICE
3.6V
2.75V(2)
PIC24F04KA200
PIC24F04KA201
14
20
AC244028
PIC24F16KA102-ICE(3)
3.6V
Note 1:
Dual die
Note 2:
VDDCORE Max
Note 3:
Header optional for other devices
TABLE 1:
REQUIRED DEBUG HEADERS BY DEVICE (CON’T)
Device
Pin
Count
Header Part
Number
ICE/ICD Device Used
VDD Max
Header
ICE/ICD Device
Board Assembly Number
AC162050
PIC12F675-ICD
02-01662
AC162058
PIC12F683-ICD
Header
Jumper J1
Function
Device Selected
AC162050
2-3
A/D Disabled
PIC12F629
1-2
A/D Enabled
PIC12F675
AC162058
1-2
A/D Enabled
PIC12F683



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com