Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 1 Page - 3M Electronics

Part # 373
Description  Mini-Clamp Socket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

373 Datasheet(HTML) 1 Page - 3M Electronics

  373 Datasheet HTML 1Page - 3M Electronics 373 Datasheet HTML 2Page - 3M Electronics 373 Datasheet HTML 3Page - 3M Electronics 373 Datasheet HTML 4Page - 3M Electronics 373 Datasheet HTML 5Page - 3M Electronics 373 Datasheet HTML 6Page - 3M Electronics 373 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Electronic
s Materials Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M and Scotchlok are a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini-Clamp Socket
Designed for Wiring Supplied from Japan and Asia, 2 mm, IDC, Wiremount, Panel Mount
373 Series
Designed to accommodate typical wiring specifications per
•
Japanese and Asian suppliers
Latches available for Panel Mount applications
•
No special wire preparation
•
Integrated cable retention
•
Design accepts multiple wire size diameters
•
Easy, quick, and reliable IDC termination using a standard pliers
•
Debris free wire termination
•
Accepts plug latches for a reliable interconnection in demanding
•
applications
High number of mating cycles
•
Compact design
helps save board and panel space
•
•
Helps reduce maintenance work by providing higher
connection reliability
See Regulatory Information Appendix (RIA) for chemical
•
compliance information
Date Modified: September 18 , 2018
TS-2094-D
Sheet 1 of 6
Physical
Insulation:
Material: Glass reinforced thermoplastic body and lower cover, transparent thermoplastic cover
Flammability: UL 94V-0
Color: Black body, cover—white and color (see Table 1)
Contact Material: Copper Alloy
Plating:
Underplating: 2.54 µm [100 µ”] minimum Nickel
Wiping Area: 0.2 µm [8 µ”] minimum Gold with Lubricant
IDC: Nickel
Accommodation: Annealed Copper, high-strength Copper or Copper Alloy. Bare, tinned, or tin
overcoated, 20 ~ 26 AWG [ 0.14 ~ 0.5 ] stranded
Wire Insulation: Flexible vinyl, semi-rigid vinyl, x-linked polyethylene, or ETFE (see Table 1)
Marking: 3M Logo, Position Indicator, Wire Gauge, Insulator Material
Electrical
Current Rating: 3.0 Amps
Voltage Rating: 32 Volts
Insulation Resistance: >1 x 106
Ω at 600V
DC
Withstanding Voltage: 1,000 V
RMS at sea level
Environmental
Temperature Rating: 20°C to +85°C ambient (1.0 A max.)
-20°C to +75°C ambient (2.0 A max.)
-20°C to +60°C ambient (3.0 A max.)
(Note: UL rating is 65°C at 3.0A, 32V)
UL File No.: E68080


Similar Part No. - 373

ManufacturerPart #DatasheetDescription
logo
Littelfuse
373 LITTELFUSE-373 Datasheet
78Kb / 2P
SUBMINIATURE FUSES
logo
Intel Corporation
373 INTEL-373 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
3M Electronics
373 3M-373 Datasheet
14Kb / 2P
High Performance Box Sealing Tape
logo
Fluke Corporation
373 FLUKE-373 Datasheet
97Kb / 2P
Work horse clamp with increased performance and flexibility
logo
Littelfuse
373 LITTELFUSE-373 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results

Similar Description - 373

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380942 EXTECH-380942 Datasheet
327Kb / 1P
Mini DC/AC Clamp Meters
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
logo
Omron Electronics LLC
PYF14S OMRON-PYF14S Datasheet
320Kb / 6P
Screwless Clamp Terminal Socket
logo
3M Electronics
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
37204-62B3-004PL 3M-37204-62B3-004PL Datasheet
1Mb / 6P
3M™ Mini-Clamp Socket 2 mm Boardmount, Straight Solder Tails
03-Sep-2010
logo
Tyco Electronics
1318228-1 MACOM-1318228-1 Datasheet
28Kb / 1P
Mini PCI Socket
logo
Extech Instruments Corp...
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
Mini DC/AC Clamp Meters
logo
Adam Technologies, Inc.
MPCI-124-SG-8-0-A ADAM-TECH-MPCI-124-SG-8-0-A Datasheet
112Kb / 1P
MINI PCI SOCKET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com