Electronic Components Datasheet Search
  English  ▼

X  

373 Datasheet(PDF) 2 Page - 3M Electronics

Part # 373
Description  Mini-Clamp Socket
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

373 Datasheet(HTML) 2 Page - 3M Electronics

  373 Datasheet HTML 1Page - 3M Electronics 373 Datasheet HTML 2Page - 3M Electronics 373 Datasheet HTML 3Page - 3M Electronics 373 Datasheet HTML 4Page - 3M Electronics 373 Datasheet HTML 5Page - 3M Electronics 373 Datasheet HTML 6Page - 3M Electronics 373 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
Electronic
s Materials Solutions Division
Interconnect Solutions
http://www.3Mconnectors.com
3M and Scotchlok are a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Mini-Clamp Socket
Designed for Wiring Supplied from Japan and Asia, 2 mm, IDC, Wiremount, Panel Mount
373 Series
TS-2094-D
Sheet 2 of 6
3 or 4 Position
No Latch
23.4
[.92]
Dim
A
Before
Termination
8.2
[.32]
After Termination
6.4
[.25]
mm
[Inch]
±.1 ±.10
Tolerance Unless Noted
0.0 0.00
mm
[ ] Dimensions for
Reference only
Ordering Information
373XX - XXXX - 000 FL
C
Table 1
Wire Insulation
OD
1.6 ~ 2.0
[.063 ~ .079]
1.2 ~ 1.6
[.047 ~ .063]
1.0 ~ 1.62
[.039 ~ .064]
0.8 ~ 1.0
[.031 ~ .039]
Part #
20-22 AWG
2124
2165
2206
Cover Color
Gray
Blue
Green
Part #
24-26 AWG
3101
3122
3163
Cover Color
Red
Yellow
Orange
# Postions
Dim A
3
11.5
[.45]
4
13.5
[.53]
Positions
03 or 04
Wire AWG & OD:
2XXX = 20-22 AWG
3XXX = 24-26 AWG
OD - (see Table 1)
Note: Terminate using common pliers or 3M™ Scotchlok™ Crimping Tools E-9BM or E-9E
(RIA E1 & C1 apply)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com