Electronic Components Datasheet Search
  English  ▼

X  

LWY87C Datasheet(PDF) 14 Page - OSRAM GmbH

Part # LWY87C
Description  Micro SIDELEDR Enhanced optical Power LED (ATONR)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button LWY87C Datasheet HTML 7Page - OSRAM GmbH LWY87C Datasheet HTML 8Page - OSRAM GmbH LWY87C Datasheet HTML 9Page - OSRAM GmbH LWY87C Datasheet HTML 10Page - OSRAM GmbH LWY87C Datasheet HTML 11Page - OSRAM GmbH LWY87C Datasheet HTML 12Page - OSRAM GmbH LWY87C Datasheet HTML 13Page - OSRAM GmbH LWY87C Datasheet HTML 14Page - OSRAM GmbH LWY87C Datasheet HTML 15Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
2003-03-04
14
LW Y87C
Revision History: 2003-03-04
Date of change
Previous Version:
2002-11-18
Page
Subjects (major changes since last revision)
2
luminous intensity grouping
4
optical efficiency
4forward voltage
8
max. permissible forward current
3
power consumption from 90 mW to 85 mW
8
diagram luminous intensity from OHL01462 to OHL11462
8
diagram relative luminous intensity OHL01637 to OHL02870
9
new diagrams OHL11405 and OHL11406 (permissible pulse handling
capability)
2
wavelength grouping for white
3
surge current from t.b.d. to 300mA
3
pad size from 16 mm
2 to 5 mm2
14
annotations
2002-07-25
3
reverse voltage (footnote)
2002-08-21
2, 5
new luminous intensity groups and new ordering codes
2002-10-25
2, 5
Chromaticity coordinate groups
2002-11-18
14
new patent no.
2003-03-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com