Electronic Components Datasheet Search
  English  ▼

X  

PC33975A Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # PC33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975A Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button PC33975A Datasheet HTML 19Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 20Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 21Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 22Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 23Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 24Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 25Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 26Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33975
TYPICAL APPLICATIONS
OPERATIONAL MODES
Figure 13. Analog Ratiometric Conversion
To read a potentiometer sensor, the wiper should be
grounded and brought back to the module ground, as
illustrated in Figure 13. With the wiper changing the
impedance of the sensor, the analog voltage on the input will
represent the position of the sensor.
Using the Analog feature to provide 4.0 mA of pull-up
current to an analog sensor may induce error due to the
accuracy of the current source. For this reason, a ratiometric
conversion must be considered. Using two current sources
(one for the sensor and one to set the reference voltage to the
A/D converter) will yield a maximum error (owing to the
33975) of 4%.
Higher accuracy may be achieved through module level
calibration. In this example, we use the resistor values from
Figure 13 and assume the current sources are 4% from each
other. The user may use the module end-of-line tester to
calculate the error in the A/D conversion. By placing a
1.0 kΩ, 0.1% resistor in the end-of-line test equipment and
assuming a perfect 4.0 mA current source from the 33975, a
calculated A/D conversion may be obtained.
Using the equation yields the
following:
The ADC value of 213 counts is the value with 0% error
(neglecting the resistor tolerance and AMUX input offset
voltage). Now we can calculate the count value induced by
the mismatch in current sources. From a sample device the
maximum current source was measured at 3.979 mA and
minimum current source was measured at 3.933 mA. This
yields 1.16% error in A/D conversion due to the current
source mismatch. The A/D measurement will be as follows:
This A/D conversion is 1.16% low in value. The error
correction factor of 1.0115 may be used to correct the value:
An error correction factor may then be stored in E2
memory and used in the A/D calculation for the specific input.
Each input used as analog measurement will have a
dedicated calibrated error correction factor.
POWER MOSFET/LED DRIVER AND MONITOR
Because of the flexible programming of the 33975 device,
it may be used to drive small loads like LEDs or MOSFET
gates. It was specifically designed to power up in the Normal
mode with the inputs tri-state. This was done to ensure the
LEDs or MOSFETs connected to the 33975 power up in the
off-state. The Switch Programmable (SP0–SP7) inputs have
a source-and-sink capability, providing effective MOSFET
gate control. To complete the circuit, a pull-down resistor
should be used to keep the gate from floating during the
Sleep modes. Figure 14, page 24, shows an application
where the SG0 input is used to monitor the drain-to-source
voltage of the external MOSFET. The 750 Ω resistor is used
to set the drain-to-source trip voltage. With the 4.0 mA
current source enabled, an interrupt will be generated when
the drain-to-source voltage is approximately 1.0 V.
VDD
VPWR
VDD
SI
SO
SCLK
INT
CS
AMUX
MOSI
MISO
AN0
VBAT
SP0
SP1
SP7
SG1
SG0
SG12
SG13
WAKE
VBAT
SCLK
CS
INT
32
4.0
VPWR
4.0 mA
4.0 mA
1.21 kΩ
0.1%
4.36 V to 5.32 V
Analog
Ports
VREF(H)
VREF(L)
Analog Sensor
or Analog Switch
R2
I2
I1
R1
VPWR
mA
4.0
VPWR
VPWR
mA
32
mA
mA
33975
MCU
ADC =
I1 x R1
I2 x R2
x 225
ADC =
4.0mA x 1.0kΩ
x225
4.0 mA x 1.21 kΩ
ADC = 210 counts
ADC =
3.933 mA x 1.0 kΩ
x225
3.979 mA x 1.21 kΩ
ADC = 208 counts
ADC = 208 counts x 1.0116
ADC = 210 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com