Electronic Components Datasheet Search
  English  ▼

X  

PC33975A Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # PC33975A
Description  Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33975A Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button PC33975A Datasheet HTML 15Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 16Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 17Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 18Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 19Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 20Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 21Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 22Page - Freescale Semiconductor, Inc PC33975A Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33975
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
EXAMPLE OF NORMAL MODE OPERATION
The operation of the device in Normal Mode is defined by
the states of the programmable internal control registers. A
typical application may have the following settings:
• Programmable Switch – Set to Switch-to-Ground
• All Inputs Set as Wake-Up
• Wetting Current On (32 mA)
• Wetting Current Timer On (20 ms)
• All inputs Tri-State-Disabled (comparator is active)
• Analog select 00000 (no input channel selected)
With the device programmed as above, an interrupt will be
generated with each switch contact change of state (open-to-
close or close-to-open) and 32 mA of contact wetting current
will be source for 20 ms. The INT terminal will remain low until
switch status is acknowledged by the microprocessor. It is
Analog Command
000001
1
0
XXXXXX
XXX
32mA
0
4.0m
A
0
000
0
0
Wetting Current Timer
Enable Command
Timer ON = 1
Timer OFF = 0
(Default state = 1)
000001
1
1
XXXXXX
XX
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
000010
0
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
Tri-State Command
Input Tri-State=1
Input Active = 0
000010
0
1
XXXXXX
XX
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
000010
1
0
X
X
SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
Calibration Command
(Default state -
uncalibrated)
000010
1
1
XXXXXX
XXXXX
XXXXX
Sleep Command
(See Sleep
Mode on page
20)
000011
0
0
XXXXXX
XXXX
int
timer
int
timer
int
timer
scan
timer
scan
timer
scan
timer
Reset Command
011111
1
1
XXXXXX
XXXXX
XXXXX
SO Response Will
Always Send
therm
flg
RST
flg
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0 SG13 SG12 SG11 SG10 SG9 SG8 SG7 SG6 SG5 SG4 SG3 SG2 SG1 SG0
MSB
Command Bits
Setting Bits
LSBI
Table 16. Serial Output (SO) Bit Data
Type of Input
Input
Programmed
Voltage on
Input terminal
SO SPI Bit
SP
Switch to Ground
SPn < 4.0 V
1
Switch to Ground
SPn > 4.0 V
0
Switch to Battery
SPn < 4.0 V
0
Switch to Battery
SPn > 4.0 V
1
SG
N/A
SGn < 4.0 V
1
N/A
SGn > 4.0 V
0
Table 17. Serial Output (SO) Response Register
SO Response Will
Always Send
therm
flg
RST
flg
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0 SG13 SG12 SG11 SG10 SG9
SG8
SG7
SG6
SG5
SG4
SG3 SG2 SG1 SG0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com