Electronic Components Datasheet Search
  English  ▼

X  

B7AH Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # B7AH
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button B7AH Datasheet HTML 17Page - Omron Electronics LLC B7AH Datasheet HTML 18Page - Omron Electronics LLC B7AH Datasheet HTML 19Page - Omron Electronics LLC B7AH Datasheet HTML 20Page - Omron Electronics LLC B7AH Datasheet HTML 21Page - Omron Electronics LLC B7AH Datasheet HTML 22Page - Omron Electronics LLC B7AH Datasheet HTML 23Page - Omron Electronics LLC B7AH Datasheet HTML 24Page - Omron Electronics LLC B7AH Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
B7A/B7AS
B7A/B7AS
19
Screw terminal models (500 mA/point)
Modular models
Compact modular
models
Item
B7A-R6C11/-R6C16/
-R6C31/-R6C36
B7A-R6G11/-R6G16/
-R6G31/-R6G36
B7A-R6A52/-R6A57
B7A-R6A57-D
Output configuration
N-channel MOS-FET
open drain (NPN
compatible)
P-channel MOS-FET
open drain (PNP
compatible)
NPN open collector
I/O delay time
B7A-R6
jj1: normal speed (typical 19.2 ms);
B7A-R6
jj6: high speed (typical 3 ms)
B7A-R6A52: normal
speed (typical 19.2 ms)
B7A-R6A57: high speed
(typical 3 ms)
---
Error processing
B7A-R6
j1j: HOLD; B7A-R6j3j: LOAD OFF
HOLD (H/L terminals open)
LOAD OFF (H/L terminals connected to 0 V)
Current consumption
(see note 1)
100 mA max. with all output terminals ON
40 mA max. with all output terminals ON
Power supply voltage
12 to 24 VDC
---
Rated load voltage
5 to 24 VDC
Output residual voltage
0.8 V max.
Output current
Sync. current,
500 mA max./point
(see note 2)
Source current,
500 mA max./point
(see note 2)
Sync. current, 50 mA max./point
Mounting strength
No damage when 49-N pull is applied for 1 min
each in all directions (except in direction of DIN
track)
---
---
Terminal strength
No damage when 49-N pull is applied each in all
directions (except in direction of DIN track)
---
---
Tightening torque
0.78 to 1.18 N
S m
---
---
Output logic
---
Active high (N/P terminals
open)
Active low (N/P terminals
connected to 0 V) (see
note 3)
Active low
Weight
Approx. 170 g
Approx. 23 g
Approx. 25 g
Note:
1. Consumption when all 16 points are ON. Excludes external load current and error load current for Output Terminals.
2. If a single power supply is connected to the Input or Output Link Terminal via a VCTF cable with a thickness of 0.75 mm2 minimum,
the current flow must not exceed 1.8 A.
3. Refer to
I/O Status on page 102 for the relationship between the output logic and output ON/OFF status of the B7A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com