Electronic Components Datasheet Search
  English  ▼

X  

B7AH Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # B7AH
Description  Wiring-reduction Units
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7AH Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button B7AH Datasheet HTML 18Page - Omron Electronics LLC B7AH Datasheet HTML 19Page - Omron Electronics LLC B7AH Datasheet HTML 20Page - Omron Electronics LLC B7AH Datasheet HTML 21Page - Omron Electronics LLC B7AH Datasheet HTML 22Page - Omron Electronics LLC B7AH Datasheet HTML 23Page - Omron Electronics LLC B7AH Datasheet HTML 24Page - Omron Electronics LLC B7AH Datasheet HTML 25Page - Omron Electronics LLC B7AH Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 121 page
background image
B7A/B7AS
B7A/B7AS
20
Nomenclature
B7A
Power supply/error
indicator
Power terminals
Transmission terminals
I/O indicators
I/O terminals
Functions
B7AS
Functions
Power supply/
error indicator
Power terminals
Transmission terminals
I/O terminals
I/O indicators
Indicator Operation
Indicator
Function
POWER
(Input Terminal)
G
Lit when power is supplied and the
Terminal is operating.
N
Not lit when power is not supplied.
POWER/ERR
(Output Terminal)
G
Lit when power is supplied and the
Terminal is operating without error.
R
Lit during transmission errors.
N
Not lit when power is not supplied.
I/O
O
Lit when the input signals are ON.
N
Not lit when the signals are OFF.
Note:
G: Green indicator lit; R: Red indicator lit;
O: Orange indicator lit; N: Not lit
Recommended Solderless Terminals
Wire
JIS specifications
0.75 mm2 (AWG#18)
RAV 1.25 to 3.5 (vinyl-insulated round
wire) or RAP 1 25 to 3 5
1.25 mm2 (AWG#16)
wire) or RAP 1.25 to 3.5
(nylon-insulated round wire)
Functions
I/O
classification
Display
Description
Input
NPN
Input configuration
Indicates the compatible transistor type for the input device.
NPN
I/O delay time
Indicates the typical I/O delay time of the B7A. Use a combination of an Input and
an Output Link Terminal with the same I/O delay time.
Output
01A
NPN
Output configuration
Indicates the compatible transistor type for the output transistor.
0.1A
NPN
Output current
Indicates the rated output current value of the B7A per point.
I/O delay time
Indicates the typical I/O delay time of the B7A. Use a combination of an Input and
an Output Link Terminal with the same I/O delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com