Electronic Components Datasheet Search
  English  ▼

X  

MS6266 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6266
Description  6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6266 Datasheet HTML 3Page - MOSA ELECTRONICS MS6266 Datasheet HTML 4Page - MOSA ELECTRONICS MS6266 Datasheet HTML 5Page - MOSA ELECTRONICS MS6266 Datasheet HTML 6Page - MOSA ELECTRONICS MS6266 Datasheet HTML 7Page - MOSA ELECTRONICS MS6266 Datasheet HTML 8Page - MOSA ELECTRONICS MS6266 Datasheet HTML 9Page - MOSA ELECTRONICS MS6266 Datasheet HTML 10Page - MOSA ELECTRONICS MS6266 Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV1
10
www.mosanalog.com.tw
APPLICATION INFORMATION
Basic application example
MCU
SCL
6
7
SDA
V
DD
Supply
2.7~5V
16
15
10uF
0.1uF
MS6266
10uF
V
REF
GND
AC2
DGND
4
5
10k
IN1
1
10uF
Signal-1 In
10k
IN2
2
10uF
Signal-2 In
10k
IN3
3
10uF
Signal-3 In
10k
OUT1
20
10uF
Signal-1 Out
10k
OUT2
19
10uF
Signal-2 Out
10k
OUT3
18
10uF
Signal-3 Out
10k
OUT4
13
10uF
Signal-4 Out
10k
OUT5
12
10uF
Signal-5 Out
10k
OUT6
11
10uF
Signal-6 Out
10k
IN4
8
10uF
Signal-4 In
10k
IN5
9
10uF
Signal-5 In
10k
IN6
10
10uF
Signal-6 In
AC1
14
17
AC1=Hi, AC2=Lo, Address=88H
Basic application flow chart
Volume Control
volume down to -79 dB
step by step
Enable Mute Function
mute on
Power off
V
DD = 0V
Pop Noise Free
power off preparation
wait 0.5 sec
Procedure Of Power Off
Procedure Of Power On
Volume Control
volume up/down
step by step
Initial Conditions
function off (-79dB)
mute on
Pop Noise Free
wait 1 sec
Disable Mute Function
mute off
Power on
V
DD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com