Electronic Components Datasheet Search
  English  ▼

X  

MS6266 Datasheet(PDF) 7 Page - MOSA ELECTRONICS

Part # MS6266
Description  6-Channel Volume Controller Gain and Attenuation 16-79dB Low voltage, High Channel Separation
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6266 Datasheet(HTML) 7 Page - MOSA ELECTRONICS

Back Button MS6266 Datasheet HTML 3Page - MOSA ELECTRONICS MS6266 Datasheet HTML 4Page - MOSA ELECTRONICS MS6266 Datasheet HTML 5Page - MOSA ELECTRONICS MS6266 Datasheet HTML 6Page - MOSA ELECTRONICS MS6266 Datasheet HTML 7Page - MOSA ELECTRONICS MS6266 Datasheet HTML 8Page - MOSA ELECTRONICS MS6266 Datasheet HTML 9Page - MOSA ELECTRONICS MS6266 Datasheet HTML 10Page - MOSA ELECTRONICS MS6266 Datasheet HTML 11Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MOSA
MS6266
6-Channel Electronic Volume Controller
REV1
7
www.mosanalog.com.tw
BUS INTERFACE
Data are transmitted to and from the MCU to the MS6266 via the SDA and SCL. The SDA and SCL make up the
BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage.
SDA (Serial Data Line)
Rp
Rp
SCL (Serial Clock Line)
Pull up resistors
V
DD
MCU
MS6266
Interface protocol
The format consists of the following
‧A START condition
‧A chip address byte including the MS6266 address. (7bits)
‧The 8
th bit of the byte must be “0”.(write=0, read=1)
‧MS6266 must always acknowledge the end of each transmitted byte.
‧A data sequence (N-bytes + Acknowledge)
‧A STOP condition
SCL
SDA
1-7
8
9
1-7
8
9
9
8
1-7
S
P
ADDRESS
R/ W
--
ACK
ACK
ACK
DATA
DATA
START
CONDITION
STOP
CONDITION
Address code
The MS6266 has four address codes, they were selected by AC1(pin17)and AC2(pin4).
AC1
AC2
Address code
0
0
80H
0
1
84H
1
0
88H
1
1
8CH
AC1=1, AC2=0
1000
00
10
7 bits address
MS6266 address
W
0: connected to GND, 1: connected to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com