Electronic Components Datasheet Search
  English  ▼

X  

MS6333 Datasheet(PDF) 10 Page - MOSA ELECTRONICS

Part # MS6333
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333 Datasheet(HTML) 10 Page - MOSA ELECTRONICS

Back Button MS6333 Datasheet HTML 4Page - MOSA ELECTRONICS MS6333 Datasheet HTML 5Page - MOSA ELECTRONICS MS6333 Datasheet HTML 6Page - MOSA ELECTRONICS MS6333 Datasheet HTML 7Page - MOSA ELECTRONICS MS6333 Datasheet HTML 8Page - MOSA ELECTRONICS MS6333 Datasheet HTML 9Page - MOSA ELECTRONICS MS6333 Datasheet HTML 10Page - MOSA ELECTRONICS MS6333 Datasheet HTML 11Page - MOSA ELECTRONICS MS6333 Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV1
10
www.mosanalog.com
EXTERNAL DIMENSIONS
SSOP16
A
A2
A1
D
E1 E
Detail A
b
e
ZD
L1
H x 45
c
Detail A
L
θ2
θ1
R1
R
θ
Dimension in mm Dimension in inch
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.50
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
e
0.635 BASIC
0.025 BASIC
D
4.80
5.00
0.189
0.197
E
5.79
6.20
0.228
0.244
E1
3.81
3.99
0.150
0.157
L
0.41
1.27
0.016
0.050
h
0.25
0.50
0.010
0.020
L1
0.254 BASIC
0.010 BASIC
ZD
0.229 REF
0.009 REF
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
θ
0
o
8
o
0
o
8
o
θ1
0
o
0
o
θ2
5
o
15
o
5
o
15
o
Dimension in mm
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.015
0.030
A3
-
0.20REF
-
b
0.18
0.23
0.30
D
2.85
3.00BSC
3.15
D1
-
1.48BSC
-
E
2.85
3.00BSC
3.15
E1
-
1.48BSC
-
e
-
0.50BSC
-
L
0.30
0.40
0.50
QFN16 (3x3mm)
A1
b
A
D
E
A3
e
E1
D1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com