Electronic Components Datasheet Search
  English  ▼

X  

MS6333 Datasheet(PDF) 12 Page - MOSA ELECTRONICS

Part # MS6333
Description  16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage Low Power Consumption 8.9mW Mute And Power Down Function
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6333 Datasheet(HTML) 12 Page - MOSA ELECTRONICS

Back Button MS6333 Datasheet HTML 4Page - MOSA ELECTRONICS MS6333 Datasheet HTML 5Page - MOSA ELECTRONICS MS6333 Datasheet HTML 6Page - MOSA ELECTRONICS MS6333 Datasheet HTML 7Page - MOSA ELECTRONICS MS6333 Datasheet HTML 8Page - MOSA ELECTRONICS MS6333 Datasheet HTML 9Page - MOSA ELECTRONICS MS6333 Datasheet HTML 10Page - MOSA ELECTRONICS MS6333 Datasheet HTML 11Page - MOSA ELECTRONICS MS6333 Datasheet HTML 12Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MOSA
MS6333
16-Bit Stereo Audio DAC & Headphone Driver
REV1
12
www.mosanalog.com
Demo Board
3
4
2
+
-
+
-
1
版面說明:
1. 電源輸入:VDD使用2.7V~5.5V,極性如面板標示。
2. POWER DOWN:PD鈕壓下時POWER DOWN Enable。
PD鈕未壓下POWER DOWN Disable。
3. MUTE:MUTE鈕壓下時MUTE ON ; MUTE鈕未壓下時MUTE OFF。
4. SOURCE : Audio digital input (BCK, WS, DATA)
24k
R4
361
C8
30
C10
+
47uF
C12
BCK
WS
+
100uF
C3
DATA
+
2.2uF
C5
APOWER
300k
R2
100k
R1
HPVDD
1
VoR-OUT
2
VoR-IN
3
CAP
4
/PD
5
BCK
6
WS
7
DATA
8
DGND
9
DVDD
10
AVDD
11
AVSS
12
MUTE
13
VoL-IN
14
VoL-OUT
15
HPVSS
16
U3
MS6333
L1
DPOWER
/PD
MUTE
24k
R3
361
C7
30
C9
0.1u
C1
+
47uF
C11
32
HP jack
32
HP jack
+
100uF
C4
0.1u
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com