Electronic Components Datasheet Search
  English  ▼

X  

MS6713GU Datasheet(PDF) 3 Page - MOSA ELECTRONICS

Part # MS6713GU
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713GU Datasheet(HTML) 3 Page - MOSA ELECTRONICS

  MS6713GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
3
www.mosanalog.com
ORDERING INFORMATION
Package
Part number
Packaging Marking
Transport Media
28-Pin SOP (lead free)
MS6713GTR
MS6713G
1k Units Tape and Reel
28-Pin SOP (lead free)
MS6713GU
MS6713G
25 Units Tube
28-Pin SSOP (lead free)
MS6713SSGTR
MS6713G
2.5k Units Tape and Reel
28-Pin SSOP (lead free)
MS6713SSGU
MS6713G
50 Units Tube
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
6
V
VESD
Electrostatic Handling
-3000 to 3000
V
TSTG
Storage Temperature Range
-65 to 150
℃
TA
Operating Ambient Temperature Range
-40 to 85
℃
TJ
Maximum Junction Temperature
150
℃
TS
Soldering Temperature, 10 seconds
260
℃
RTHJA
Thermal Resistance from Junction to Ambient in Free Air
SOP28
SSOP28
210
210
℃/W
OPERATING RATINGS
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
2.7
-
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com