Electronic Components Datasheet Search
  English  ▼

X  

MS6713GU Datasheet(PDF) 4 Page - MOSA ELECTRONICS

Part # MS6713GU
Description  3 Stereo Inputs and 4 Channels Output Volume, Tone, Balance, Fader, Loudness, and Selectable Input Gain
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSA [MOSA ELECTRONICS]
Direct Link  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6713GU Datasheet(HTML) 4 Page - MOSA ELECTRONICS

  MS6713GU Datasheet HTML 1Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 2Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 3Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 4Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 5Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 6Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 7Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 8Page - MOSA ELECTRONICS MS6713GU Datasheet HTML 9Page - MOSA ELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MOSA
MS6713
3 Stereo Inputs / 4 Channels Output Audio Processor
REV1.0
4
www.mosanalog.com
5V ELECTRICAL CHARACTERISTICS
(Ta=25℃, All stages 0dB, f=1kHz, CREF =22uF, refer to the application circuit; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
IQ
Quiescent Current
VIN=0V
-
12.2
12.5
mA
PSRR
Power Supply Rejection Ratio
CREF = 22uF, f = 100Hz
55
60
-
dB
Input Selectors
RIN
Input Resistance
Input 1,2,3
35
50
70
kΩ
GIN
Input Gain Range
Gain
0
-
11.25
dB
GSTEP
Step Resolution
-
3.75
-
dB
ERRG
Gain Setting error
-0.2
0
0.2
dB
LOUD
Loudness
CLoud=100nF, f =20Hz
Volume=-40dB
19
20
-
dB
Volume control
CRVOL
Volume Control Range
Attenuation
-78.75
-
0
dB
RESVOL
Volume Step Resolution
-
1.25
-
dB
Av = 0 to -40dB
-1
0
0.5
dB
ERRVOL
Volume Setting Error
Av = -40 to -60dB
-5
0
1
dB
Speaker Attenuators
CRSPK
Speaker Control Range
Attenuation
-37.5
-
0
dB
RESSPK
Speaker Step Resolution
-
1.25
-
dB
ERRSPK
Speaker Setting Error
-0.2
0
0.1
dB
MUTE
Output Mute Attenuation
-
-65
-60
dB
Bass Control
CRBAS
Bass Control Range
Boost/Cut
-14
-
14
dB
RESBAS
Bass Step Resolution
-
2
-
dB
ERRBAS
Speaker Setting Error
f =100Hz
-0.3
0
0.1
dB
RB
B
Internal Feedback Resistance
34
44
58
kΩ
Treble Control
CRBAS
Treble Control Range
Boost/Cut
-14
-
14
dB
RESBAS
Treble Step Resolution
-
2
-
dB
ERRBAS
Treble Setting Error
f =20kHz
-0.3
0
0.1
dB
General
VOMAX
Maximum Output Voltage Swing
(THD+N)/S <0.3%
-
4.5
-
Vpp
-
-75
-
dB
THD+N
Total Harmonic Distortion Plus
Noise
VOUT=2Vpp
-
0.0177
-
%
S/N
Signal-to-Noise Ratio
VOUT=4Vpp
-
97
-
dB
CS
Channel Separation Left/Right
93
97
-
dB
Bus Input
VIH
Bus High Input Level
2
-
-
V
VIL
Bus Low Input Level
-
-
0.8
V
Notes:
Bass and Treble response see to curve. The center frequency and quality of the response behavior can be chosen by the
external.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com