Electronic Components Datasheet Search
  English  ▼

X  

ES29DL320 Datasheet(PDF) 21 Page - Excel Semiconductor Inc.

Part # ES29DL320
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DL320 Datasheet(HTML) 21 Page - Excel Semiconductor Inc.

Back Button ES29DL320 Datasheet HTML 17Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 18Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 19Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 20Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 21Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 22Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 23Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 24Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 25Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
ES I
ES I
21
Rev. 0E May 25, 2006
ES29DL320
Excel Semiconductor inc.
ADVANCED INFORMATION
Table 8. Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
40h
41h
42h
80h
82h
84h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
86h
0031h
Major version number, ASCII
44h
88h
0031h
Minor version number, ASCII
45h
8Ah
0000h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (D7-D2)
46h
8Ch
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
8Eh
0004h
Group Protection
0 = Not Supported, X = Number of sectors in per group
48h
90h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
92h
0004h
Sector Protect/Unprotect scheme
04 = In-System Method and A9 High-Voltage Method
4Ah
94h
0038h
Simultaneous Operation
Number of Sectors ( excluding Bank 1)
4Bh
96h
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
98h
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
9Ah
0085h
ACC(Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100mV
4Eh
9Ch
0095h
ACC(Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100mV
4Fh
9Eh
000Xh
Top/Bottom Boot Sector Flag
02h = Bottom Boot Device, 03h = Top Boot Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com