Electronic Components Datasheet Search
  English  ▼

X  

ES29DL320 Datasheet(PDF) 39 Page - Excel Semiconductor Inc.

Part # ES29DL320
Description  32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELSEMI [Excel Semiconductor Inc.]
Direct Link  
Logo EXCELSEMI - Excel Semiconductor Inc.

ES29DL320 Datasheet(HTML) 39 Page - Excel Semiconductor Inc.

Back Button ES29DL320 Datasheet HTML 35Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 36Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 37Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 38Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 39Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 40Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 41Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 42Page - Excel Semiconductor Inc. ES29DL320 Datasheet HTML 43Page - Excel Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
ES I
ES I
39
Rev. 0E May 25, 2006
ES29DL320
Excel Semiconductor inc.
ADVANCED INFORMATION
CE#,OE#
RESET#
RY/BY#
0V
tREADY
tRP
tRH
CE#,OE#
RESET#
RY/BY#
tREADY
tRP
tRB
Figure 19. Reset Timings
(B) During Embedded Algorithm
(A) Not During Embedded Algorithm
AC CHARACTERISTICS
Table 14. Hardware Reset ( RESET #)
Parameter
Description
All Speed Options
Unit
JEDEC Std.
tReady
RESET# Pin Low (During Embedded Algorithms) to Read Mode
(See Note)
Max
20
us
tReady
RESET# Pin Low (Not During Embedded Algorithms) to Read
Mode (See Note)
Max
500
ns
tRP
RESET# Pulse Width
Min
500
ns
tRH
RESET High Time Before Read (See Note)
Min
50
ns
tRPD
RESET# Low to Standby Mode
Min
20
us
tRB
RY/BY# Recovery Time
Min
0
ns
Note : Not 100% tested



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com