Electronic Components Datasheet Search
  English  ▼

X  

G220 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G220
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G220 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G220 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ver: 0.1 Preliminary
Apr 03, 2003
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G220
Global Mixed-mode Technology Inc.
Block Diagram (Figure 1)
DIFFB
DIFFSENSE
SE LVD
THERMAL
SHUTDOWN
CIRCUITRY
DISCNCT
CONTROL
LOGIC
VREF
DIFFSENSE
CIRCUITRY
REFERENCE
GENERATION
VREF
110 Ohms
110 Ohms
R1-
R9-
VTOP1
RTOP1
RMID1
RBOT1
R1+
R1-
R9-
R9+
R1-
R9-
SE
GND
DRIVER
VBOT1
R1+
R9+
+
_
+
_
X 9
X 9
RTOP9
RMID9
RBOT9
M/S
DIFFB
DIFFSENSE
SE LVD
THERMAL
SHUTDOWN
CIRCUITRY
DISCNCT
CONTROL
LOGIC
VREF
DIFFSENSE
CIRCUITRY
REFERENCE
GENERATION
VREF
110 Ohms
110 Ohms
R1-
R9-
VTOP1
RTOP1
RMID1
RBOT1
R1+
R1-
R9-
R9+
R1-
R9-
SE
GND
DRIVER
VBOT1
R1+
R9+
+
_
+
_
+
_
+
_
X 9
X 9
RTOP9
RMID9
RBOT9
M/S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com