Electronic Components Datasheet Search
  English  ▼

X  

G220 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G220
Description  Ultra320 Multi-mode LVD/SE SCSI Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G220 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G220 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G220 Datasheet HTML 9Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Ver: 0.1 Preliminary
Apr 03, 2003
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G220
Global Mixed-mode Technology Inc.
Typical Operating Characteristics
Common Mode Bias Vcm -
Temperature
1.125
1.175
1.225
1.275
1.325
1.375
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=2.8V
Vtpwr=5.8V
Common Mode Bias Vcm - Vtpwr
1.125
1.175
1.225
1.275
1.325
1.375
2.5
3.5
4.5
5.5
Vtpwr
T=80ºC
T=-10ºC
Common Mode Termination Resistance
Rcm - Vtpwr @Temperature=24ºC
110
120
130
140
150
160
170
180
190
2.5
3.5
4.5
5.5
Vtpwr
Common Mode Termination Resistance
Rcm - Temperature@Vtpwr=5V
110
120
130
140
150
160
170
180
190
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Termination
Resistance Rdm - Vtpwr
100
101
102
103
104
105
106
107
108
109
110
2.5
3.5
4.5
5.5
Vtpwr
T=80ºC
T=-10ºC
Differential Mode Termination
Resistance Rdm - Temperature
100
102
104
106
108
110
-20
0
20
40
60
80
100
Temperature(ºC)
Vtpwr=2.8V
Vtpwr=5.8V
Differential Mode Bias Vdm -
Temperature@Vtpwr=5V
0.1
0.105
0.11
0.115
0.12
0.125
-20
0
20
40
60
80
100
Temperature(ºC)
Differential Mode Bias Vdm - Vtpwr
0.1
0.105
0.11
0.115
0.12
0.125
2.5
3.5
4.5
5.5
Vtpwr
T=-10ºC
T=80ºC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com