Electronic Components Datasheet Search
  English  ▼

X  

FMGA-461 Datasheet(PDF) 4 Page - Interpoint Corporation Company

Part # FMGA-461
Description  EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461 Datasheet(HTML) 4 Page - Interpoint Corporation Company

  FMGA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
B3-24
26221-001-DTS RevA
DQ# 4011
FMGA-461 is a trademark of Interpoint.
© Interpoint 1999
Typical Performance Curves: 25°C Tc , nominal Vin, unless otherwise specified.
EMI INPUT FILTERS
FMGA EMI FILTER
0.8 AMP
FREQUENCY (MHz)
TWO MGA 2805S CONVERTERS AT FULL LOAD
WITHOUT FILTERING
TYPICAL POWER LINE SPECTRAL NOISE CURRENT
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
100
NARROWBAND
CE03
LIMIT
FIGURE 4
FREQUENCY (MHz)
TWO MGA 2805S CONVERTERS AT FULL LOAD
WITH FMGA-461 POWER LINE FILTERING
TYPICAL POWER LINE SPECTRAL NOISE CURRENT
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
CE03
LIMIT
NARROWBAND
FIGURE 5
FREQUENCY (MHz)
TWO MGH 2805S CONVERTERS AT FULL LOAD
WITHOUT FILTERING
TYPICAL POWER LINE SPECTRAL NOISE CURRENT
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
100
CE03
LIMIT
NARROWBAND
FIGURE 6
FREQUENCY (MHz)
TWO MGH 2805S CONVERTERS AT FULL LOAD
WITH FMGA-461 POWER LINE FILTERING
TYPICAL POWER LINE SPECTRAL NOISE CURRENT
0.1
1
10
50
90
80
70
60
50
40
30
20
10
0
.015
NARROWBAND
CE03
LIMIT
FIGURE 7
FIGURE 8
FREQUENCY (Hz)
10K
100K
1M
10.0
3.2
1.0
0.32
0.10
1K
2
F external capacitor on filter output
Typical Output Impedance (Z)
With Input Shorted
26221-001-DTS Rev A
DQ# 4011
All technical information is believed to be accurate, but no responsibility is
assumed for errors or omissions. Interpoint reserves the right to make changes in
products or specifications without notice. FMGA-461 is a trademark of Interpoint.
Copyright © 1998 - 1999 Interpoint. All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com