Electronic Components Datasheet Search
  English  ▼

X  

FMGA-461 Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # FMGA-461
Description  EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMGA-461 Datasheet(HTML) 1 Page - Interpoint Corporation Company

  FMGA-461 Datasheet HTML 1Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 2Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 3Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 4Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 5Page - Interpoint Corporation Company FMGA-461 Datasheet HTML 6Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B3-21
DESCRIPTION
Interpoint’s surface mount FMGA-461™ EMI filter has been
designed to work with Interpoint’s surface mount MGA and MGH
Series DC/DC converters. Multiple MGA or MGH Series converters
can be operated from a single FMGA filter provided the total power
line current does not exceed the filter’s maximum rating. The FMGA
filter will reduce the converter’s power line reflected ripple current to
within the limit of MIL-STD-461C, Method CE03 as shown in Figures
4 through 7. The filter uses only ceramic capacitors for reliable high-
temperature operation.
CONNECTION AND OPERATION
Where more than one pin has the same designation (e.g. pins 7, 8,
and 9 are Positive Output), all of those pins must be connected for
output performance to meet the specifications.
The MGA Series has an internal 2 µF capacitor its input terminals
and the MGH Series has an internal 0.47 µF capacitor across its
input power terminals. When the MGA or MGH converters are used
with the FMGA filter, this capacitor becomes part of the filter and
forms its final LC output section. When 2 or 3 MGA or MGH
converters are used with a single filter, this capacitor becomes
larger, improving the rejection versus frequency.
TRANSIENT DAMPING
The optional damping circuit shown in Figure 2 will prevent filter
overshoot caused by 80 V transients with rise times of less than 200
microseconds. The damping circuit can be used with a 1.50
Ω
resistor in series with the filter’s positive input where the additional
line loss can be tolerated. For transients with rise times of greater
than 200 microseconds, there is no overshoot and the damping
circuit is not required.
SURFACE MOUNT PACKAGE
The FMGA EMI filter can be surface mounted with pick-and-place
equipment or manually. It is recommended that the case be
attached with flexible epoxy adhesive or silicone which is thermally
conductive (>1 watt /meter/°K).
Internal components are soldered with SN96 (melting temperature
221°C) to prevent damage during reflow. Maximum reflow tempera-
ture for surface mounting the FMGA filter is 220°C for a maximum
of 30 seconds. SN60, 62, or 63 are the recommended types of
solder. Hand soldering should not exceed 300°C for 10 seconds per
pin.
The hermetically sealed metal cases are available in two different
lead configurations. See Section B8, case B.
LAYOUT REQUIREMENTS
The case of the filter must be connected to the case of the converter
through a low impedance connection to minimize EMI.
EMI INPUT FILTER
28 VOLT INPUT
SURFACE MOUNT
FMGA EMI FILTER
0.8 AMP
FEATURES
• –55°C to +125°C operation
• 50 dB min. attenuation at 500 kHz
differential mode
• 45 dB min. attenuation at 5MHz
common mode
• Compliant to MIL-STD-461C, CE03
• Compatible with MIL-STD-704A
through E
Size (max.): 1.010 x 0.880 x 0.250 inches (25.65 x 22.35 x 6.35 mm)
Shown with “Gull Wing” lead option, also available with straight
leads. See Section B8, case B, for dimensions and options.
Weight:
10.3 grams typical, 11.5 grams maximum
Screening:
Standard or ES. See Section C2 for screening options, see
Section A5 for ordering information.
MODEL
FMGA-461
0.8 amp


Similar Part No. - FMGA-461

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMGA-461/883 CRANE-FMGA-461/883 Datasheet
186Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
logo
Interpoint Corporation ...
FMGA-461/883 INTERPOINT-FMGA-461/883 Datasheet
349Kb / 14P
FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMGA-461Z/883 INTERPOINT-FMGA-461Z/883 Datasheet
349Kb / 14P
FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
FMGA-461 INTERPOINT-FMGA-461_15 Datasheet
349Kb / 14P
FMSA/FMGA EMI Input Filters 28 Volt Input - 0.8 AMP
More results

Similar Description - FMGA-461

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
FMC-461 INTERPOINT-FMC-461 Datasheet
121Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMH-461 INTERPOINT-FMH-461 Datasheet
311Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 INTERPOINT-FMSA-461 Datasheet
387Kb / 7P
EMI INPUT FILTER 28 VOLT INPUT
MSF-461 INTERPOINT-MSF-461 Datasheet
344Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
STF28-461 INTERPOINT-STF28-461 Datasheet
60Kb / 4P
EMI INPUT FILTER 28 VOLT INPUT
logo
Crane Aerospace & Elect...
FMC-461 CRANE-FMC-461 Datasheet
122Kb / 8P
EMI INPUT FILTER 28 VOLT INPUT
FMGA-461 CRANE-FMGA-461 Datasheet
186Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT SURFACE MOUNT
FMH-461 CRANE-FMH-461 Datasheet
312Kb / 9P
EMI INPUT FILTER 28 VOLT INPUT
FMSA-461 CRANE-FMSA-461 Datasheet
233Kb / 6P
EMI INPUT FILTER 28 VOLT INPUT
SFME28-461 CRANE-SFME28-461 Datasheet
66Kb / 5P
EMI INPUT FILTER 28 VOLT INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com