Electronic Components Datasheet Search
  English  ▼

X  

G767 Datasheet(PDF) 12 Page - Global Mixed-mode Technology Inc

Part # G767
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G767 Datasheet(HTML) 12 Page - Global Mixed-mode Technology Inc

Back Button G767 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Ver: 2.5
Dec 14, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
12
G767
Global Mixed-mode Technology Inc.
Valid A/D conversion results for both channels are
available one total conversion time (125ms nominal,
156ms maximum) after initiating a conversion, whether
conversion is initiated via the RUN/STOP bit, hard-
ware STBY pin, one-shot command, or initial power-up.
Changing the conversion rate can also affect the delay
until new results are available. See Table 8.
Slave Addresses
The G767 appears to the SMBus as one device hav-
ing a common address for both ADC channels. The
device address can be set to one of nine different val-
ues by pin-strapping ADD0 and ADD1 so that more
than one G767 can reside on the same bus without
address conflicts (Table 9).
The address pin states are checked at POR only, and
the address data stays latched to reduce quiescent
supply current due to the bias current needed for
high-Z state detection.
The G767 also responds to the SMBus Alert Re-
sponse slave address (see the Alert Response Ad-
dress section).
POR AND UVLO
The G767 has a volatile memory. To prevent ambiguous
power-supply conditions from corrupting the data in
memory and causing erratic behavior, a POR voltage
detector monitors Vcc and clears the memory if Vcc falls
below 1.7V (typical, see Electrical Characteristics table).
When power is first applied and Vcc rises above 1.75V
(typical), the logic blocks begin operating, although reads
and writes at VCC levels below 3V are not recommended.
A second Vcc comparator, the ADC UVLO comparator,
prevents the ADC from converting until there is sufficient
headroom (Vcc = 2.8V typical).
Table 9.Slave Address Decoding (ADD0 and ADD1)
ADD0
ADD1
ADDRESS
GND
GND
0011 000
GND
High-Z
0011 001
GND
Vcc
0011 010
High-Z
GND
0101 001
High-Z
High-Z
0101 010
High-Z
Vcc
0101 011
Vcc
GND
1001 100
Vcc
High-Z
1001 101
Vcc
Vcc
1001 110
Note: High-Z means that the pin is left unconnected
and floating.
Power-Up Defaults:
Interrupt latch is cleared.
Address select pins are sampled.
ADC begins auto-converting at a 0.25Hz rate.
Command byte is set to 00h to facilitate quick re-
mote Receive Byte queries.
THIGH and TLOW registers are set to max and min
limits, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com