Electronic Components Datasheet Search
  English  ▼

X  

G767 Datasheet(PDF) 14 Page - Global Mixed-mode Technology Inc

Part # G767
Description  Remote/Local Temperature Sensor with SMBus Serial Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G767 Datasheet(HTML) 14 Page - Global Mixed-mode Technology Inc

Back Button G767 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 12Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 13Page - Global Mixed-mode Technology Inc G767 Datasheet HTML 14Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Ver: 2.5
Dec 14, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
14
G767
Global Mixed-mode Technology Inc.
Package Information
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.064
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
b
0.20
0.25
0.30
0.008
0.010
0.012
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
5.80
-----
6.20
0.228
-----
0.244
E1
3.80
-----
4.00
0.150
-----
0.157
e
-----
0.64
-----
-----
0.025
-----
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
0º
-----
8º
0º
-----
8º
Taping Specification
PACKAGE
Q’TY/REEL
SSOP-16
2,500 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
D
E1
E
7
°
(4X)
A1
A2
A
e
b
y
C
L
θ
F eed D irectio n
T y p ical S S O P P ackag e O r ie ntatio n
F eed D irectio n
T y p ical S S O P P ackag e O r ie ntatio n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com