Electronic Components Datasheet Search
  English  ▼

X  

G914F Datasheet(PDF) 5 Page - Global Mixed-mode Technology Inc

Part # G914F
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914F Datasheet(HTML) 5 Page - Global Mixed-mode Technology Inc

  G914F Datasheet HTML 1Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
5
G914X
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
0
10
20
30
40
50
60
70
0.001
0.01
0.1
Bypass Capacitance (µF)
0
10
20
30
40
50
60
70
1
10
100
1000
Load Current (mA)
G914H
VIN=2.8V
TA=25°C
G914H
VIN=2.8V
TA=25°C
COUT=1µF
COUT=1µF
0
10
20
30
40
50
60
70
80
0.1
1
10
100
Frequency(KHZ)
G914F
VIN=5V +2V(p-p)
RL=100Ω
CBYP=10nF
Line Transient
Load Transient
Power Supply Rejection Ripple
Load Transient
Output Noise vs. Bypass Capacitance
Output Noise vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com