Electronic Components Datasheet Search
  English  ▼

X  

G914F Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G914F
Description  300mA Low-Noise LDO Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G914F Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G914F Datasheet HTML 2Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 3Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 4Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 5Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 6Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 7Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 8Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 9Page - Global Mixed-mode Technology Inc G914F Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Ver: 1.2
Jun 30, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G914X
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
1
10
100
1000
10000
100000
0.1
1
10
100
Bypass Capactor (nF)
Rise Time
Propagation Delay Time
G914D
ILOAD =150mA
CIN=COUT=1µF
VIN=4.3V power already
VSHDN=0 to 4.3V
1
10
100
1000
0.1
1
10
100
Bypass Capacitor (nF)
Fall Time
Propagation Delay Time
G914D
ILOAD =150mA
CIN=COUT=1µF
VIN=4.3V power already
VSHDN=4.3V to 0V
Power On Response Waveform
Turn-On Time vs. Bypass Capacitance
Shutdown Delay Waveform
Shutdown Delay Waveform
Turn-Off Time vs. Bypass Capacitance
Power Off Response Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com