Electronic Components Datasheet Search
  English  ▼

X  

G1085 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G1085
Description  3A Adjustable Low-Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G1085 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G1085
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage…………………………….………………7V
Power Dissipation Internally Limited
(Note 2)
Maximum Junction Temperature…...……………….150°C
Storage Temperature Range…..…-65°C
≤ TJ
≤+150°C
Reflow Temperature (soldering, 10sec)…………260°C
Thermal Resistance Junction to Ambient
TO-252(1)………………………………….………125°C/W
TO-263(1)………………………………….………100°C/W
Thermal Resistance Junction to Case
TO-252………….………………..………..….……10°C/W
TO-263…..………………………...……..…………6°C/W
ESD Rating (Human Body Model)……......................2kV
Note (1): See Recommended Minimum Footprint
Operating Conditions
(Note 1)
(VIN-VADJ) Voltage………..…………...………..2.5V~5.5V
Temperature Range……………..….….-40°C
≤ TA ≤85°C
Electrical Characteristics
Operating Conditions: VIN ≤ 7V, TA =TJ = 25°C unless otherwise specified. [Note3]
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Reference Voltage
VIN - VOUT = 2V, IOUT = 10mA
1.225
1.250
1.275
V
Line Regulation
(VOUT + 1.5V) < VIN < 7V, IOUT = 10mA
---
0.5
1
%
Load Regulation
(VIN - VOUT) = 2V, 10mA < IOUT <3A
---
0.04
0.5
%
Dropout Voltage
∆VOUT = 2%, IOUT = 3A
---
1.3
1.4
V
Current Limit
(VIN - VOUT) = 2V
---
5.4
---
A
Adjust Pin Current Change
VIN - VOUT = 2V, 10mA < IOUT < 3A
---
0.15
---
µA
Minimum Load Current
1.5V < (VIN - VOUT) < 5.25V
10
---
---
mA
Quiescent Current
VIN - VOUT = 2V
---
80
150
µA
Ripple Rejection
f = 120Hz, COUT = 10µF Tantalum,
(VIN - VOUT) = 3V, IOUT = 1A
---
48
---
dB
Temperature Stability
VIN = 4V, IO =10mA
---
0.3
---
%
RMS Output Noise (% of VOUT)
TA = 25°C, 10Hz < f < 10kHz, ILOAD = 10mA
---
0.007
---
%
Thermal Shutdown
Junction Temperature
---
150
---
°C
Thermal Shutdown Hysteresis
---
30
---
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Con-
ditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax ; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient tem-
perature is Tjmax-TA / θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and IC
will go into thermal shutdown.
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Note4: The type of output capacitor should be tantalum or aluminum.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com