Electronic Components Datasheet Search
  English  ▼

X  

G1085 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G1085
Description  3A Adjustable Low-Dropout Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

  G1085 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085 Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Ver: 1.2
Sep 20, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G1085
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
Recommend Minimum Footprint
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0.51.5
2.53.5
4.5
PCB Top Copper Area (in
2)
G1085T53(TO-263) Max. Power
Dissipation vs. PCB Top Copper
Area TAMB = 25°C ; Still Air
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
TAMB (°C)
A=0.5
A=1.0
A=1.5
A=2.0
A=2.5
A=3.0
A=3.5
A=4.0
A=4.5
A=5.0
G1085T53(TO-263) Max. Power
Dissipation vs. TAMB (still air)
( Different PCB Top Copper Area )
Unit : in2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com