Electronic Components Datasheet Search
  English  ▼

X  

G2996 Datasheet(PDF) 6 Page - Global Mixed-mode Technology Inc

Part # G2996
Description  DDR I/II Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2996 Datasheet(HTML) 6 Page - Global Mixed-mode Technology Inc

Back Button G2996 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 10Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Ver: 2.3
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
6
G2996
Global Mixed-mode Technology Inc.
Typical Performance Characteristics (continued)
AVIN=2.5V, PVIN=2.5V, VDDQ=2.5V, CAVIN=0.1µF, CPVIN=47µF, CVREF=0.01µF, VSD=2.5V, CVTT=220µF, TA=25°C,
unless otherwise noted.
IO=200m
VTT vs VDDQ
0
0.5
1
1.5
2
2.5
3
22.5
33.5
44.5
55.5
VDDQ(V)
IQ vs AVIN in SD Temperature
100
110
120
130
140
150
160
22.5
33.5
4
4.5
5
5.5
AVIN(V)
25°
85°
0°C
IQ vs AVIN Temperature
150
170
190
210
230
250
270
2
2.5
33.5
44.5
5
5.5
AVIN(V)
0
°C
85°C
25°C
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=1.8V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2
2.5
33.5
44.5
5
5.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=3.3V)
2
2.2
2.4
2.6
2.8
3
2
2.5
3
3.5
4
4.5
5
5.5
AVIN(V)
Maximum Sourcing Current vs AVIN
(VDDQ=2.5V, PVIN=2.5V)
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2
2.5
3
3.5
4
4.5
5
5.5
AVIN(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com