Electronic Components Datasheet Search
  English  ▼

X  

G2996 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2996
Description  DDR I/II Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2996 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2996 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G2996 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Ver: 2.3
May 16, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2996
Global Mixed-mode Technology Inc.
DDR I/II Termination Regulator
Features
Operation Supply Voltage: 1.6V to 5.5V
Low Supply Current: 280µA @ 2.5V
Low Output Offset
Source and Sink Current
Low External Component Count
No Inductor Required
No external Resistors Required
Thermal Shutdown Protection
Suspend to RAM (STR) function
SOP-8 with Power-Pad package
Applications
DDR-SDRAM Termination Voltage
DDR-I / DDR-II Termination Voltage
SSTL-2
SSTL-3
General Description
The G2996 is a linear regulator designed to meet the
JEDEC SSTL-18 ,SSTL-2 and SSTL-3 (Series Stub
Termination Logic) specifications for termination of
DDR-SDRAM. It contains a high-speed operational
amplifier that provides excellent response to the load
transients. This device can deliver 1.5A/0.9A continu-
ous current and transient peaks up to 3A/1.8A in the
application as required for DDRI/II-SDRAM termination.
With an independent VSENSE pin, the G2996 can pro-
vide superior load regulation. The G2996 provides a
VREF output as the reference for the applications of the
chipset and DIMMs.
The G2996 can easily provide the accurate VTT and
VREF voltages without external resistors that PCB ar-
eas can be reduced. The quiescent current is as low
as 280µA @ 2.5V. So the power consumption can
meet the low power consumption applications.
The G2996 also has an active low shutdown (
SD ) pin
that provides Suspend to RAM (STR) functionality.
When SD is pulled low, the VTT output will be tri-state
providing a high impendence, but VREF will remain ac-
tive. A power saving advantage can be obtained in this
mode through lowering the quiescent current to180µA
@ 2.5V.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
G2996P1U
G2996P1Uf
G2996
-40°C to 85°C
SOP-8
G2996F1U
G2996F1Uf
G2996
-40°C to 85°C
SOP-8 (FD)
Note: P1:SOP-8
F1:SOP-8(FD)
U: Tape & Reel
(FD): Thermal Pad
Pin Configuration
Typical Application Circuit
VSENSE
8
6
5
1
2
3
4
SD
GND
VTT
PVIN
AVIN
VDDQ
SOP-8
G2996
7
VREF
Thermal
Pad
+
+
+
SD
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=1.25V
V
REF=1.25V
V
DDQ=2.5V
V
DD=2.5V
SD
47µF
220µF
0.01µF
VSENSE
8
6
5
1
2
3
4
SD
GND
VTT
PVIN
AVIN
VDDQ
SOP-8
G2996
7
VREF
Thermal
Pad
+
+
+
SD
V
REF
V
DDQ
AV
IN
V
SENSE
PV
IN
V
TT
GND
V
TT=1.25V
V
REF=1.25V
V
DDQ=2.5V
V
DD=2.5V
SD
47µF
220µF
0.01µF


Similar Part No. - G2996

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
G2991AA HP-G2991AA Datasheet
432Kb / 2P
Agilent D5000 ScreenTape and High Sensitivity D5000 ScreenTape Assays
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
3A DDR Bus Termination Regulator
G2992 GMT-G2992 Datasheet
331Kb / 7P
3A DDR Bus Termination Regulator
G2992B GMT-G2992B Datasheet
91Kb / 1P
2A DDR Bus Termination Regulator
G2992F1U GMT-G2992F1U Datasheet
83Kb / 1P
3A DDR Bus Termination Regulator
More results

Similar Description - G2996

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2997 NSC-LP2997 Datasheet
233Kb / 12P
DDR-II Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208 Datasheet
82Kb / 10P
DDR-I/II Termination Regulator
February, 2004 ??Rev. 3
logo
California Micro Device...
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
ON Semiconductor
NCP5208 ONSEMI-NCP5208_06 Datasheet
96Kb / 9P
DDR?묲/II Termination Regulator
May, 2006 ??Rev. 5
logo
Intersil Corporation
LP2998 INTERSIL-LP2998 Datasheet
338Kb / 18P
DDR-II and DDR-I Termination Regulator
December 12, 2007
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
Exar Corporation
XRP2997 EXAR-XRP2997 Datasheet
514Kb / 8P
2A DDR I/II/III Bus Termination Regulator
logo
Texas Instruments
LP2998MRX TI-LP2998MRX Datasheet
1Mb / 26P
LP2998 DDR-I and DDR-II Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2997 TI1-LP2997 Datasheet
1Mb / 21P
DDR-II Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com