Electronic Components Datasheet Search
  English  ▼

X  

MOR283R3S Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 2Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 3Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
MOR SERIES
120 WATT
DC/DC CONVERTERS
SYNC IN AND SYNC OUT
The MOR converters
can be synchronized to
the system clock by
applying a TTL compat-
ible sync signal to the
Sync In pin. Sync Out
can be used to synchro-
nize other components
to the MOR converter’s
switching frequency.
The frequency range for external
synchronization is 525 to 625 kHz.
The requirements for an external
signal are 15% to 50% duty cycle,
0
≤ L ≤ 0.8 V and 4.5 ≤ H ≤ 9 V.
Both Sync In and Sync Out are
referenced to input common. Sync
In should be grounded to input
common if not used.
POSITIVE SENSE,SENSE RETURN
A special remote sensing feature maintains the desired output
voltage at the load. When this feature is not used, connect the
sense lines to their respective output terminals. Remote sensing is
available on single output models only. See Figure 12. Do not
exceed 110% of Vout and maximum output power.
SHARE (PARALLELING)
By using the Share pin, up to five single or dual converters may be
paralleled for a total output power of over 500 watts (90% Pout /
converter, max.). The converters will share within 10% of each
other at 25 to 90% rated power. MOR converters feature true n+1
redundancy for reliability in critical applications. See Figure 9 for
the proper connections.
All Positive Outputs and Positive Senses should be connected to
a common point. All Negative Outputs and Sense Returns should
be connected to a common point. The Share pin is referenced to
Sense Return. Leave the share pin floating (unconnected) if not
used.
POSITIVE OUTPUT,NEGATIVE OUTPUT
AND
OUTPUT COMMON
Output current is limited to 125% of maximum specified current
under short circuit or load fault conditions.
Single output models operate from no load to full load. Dual output
models with balanced loads operate from no load to full load. For
dual models with unbalanced loads, at least 10% of the total output
power must be drawn
from the positive output
at all times, however, the
negative output does not
require a minimum load.
See note 7, cross regula-
tion, under the Electrical
Characteristics
Tables.
Dual outputs may be
“stacked” to double the
output voltage.
TYPICAL CONNECTIONS
–
+
Positive Input
1
6
5
2
7
10
11
9
8
7
10
11
9
8
7
10
11
9
8
Sync In
Sync Out
Input Common
Positive Output
Positive Sense
Share
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Positive Output
Positive Sense
Sense Return
Output common
Share
Share
Load
28V
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
Positive Input
1
6
5
2
Sync In
Sync Out
Input Common
FIGURE 10: PARALLELING
–
+
Load
Positive Input
1
6
4
2
7
10
12
9
8
28V
Sync In
Inhbit 1
Input Common
Positive Output
Positive Sense
Inhibit 2
Sense Return
Output Common
MOR
Single
Output
–
+
Load
Positive Input
1
6
4
2
7
12
8
9
28V
Sync In
Inhbit 1
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual
Output
Load
0
FIGURE 12: CONNECTIONS
–
+
Load
Positive Input
1
7
8
9
Input Common
Positive Output
Inhibit 2
Output Common
Negative Output
MOR
Dual Output
2
FIGURE 11: “STACKED”OUTPUT
~
~
~
~
Sync In
Input
Common
5V
V
CC
330 pF
1.8 k
1 k
10 k
10 k
~
~
Sync Out
Input
Common
V
CC
200
Ω
FIGURE 7: SYNC IN
FIGURE 8: SYNC OUT
Share
Sense
Return
10 k
260 k
FIGURE 9: SHARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com