Electronic Components Datasheet Search
  English  ▼

X  

MOR283R3S Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # MOR283R3S
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MOR283R3S Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button MOR283R3S Datasheet HTML 4Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 5Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 6Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 7Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 8Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 9Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 10Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 11Page - Interpoint Corporation Company MOR283R3S Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
MOR SERIES
120 WATT
DC/DC CONVERTERS
FIGURE 28
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815D Audio Rejection
Negative Output
Positive Output
FIGURE 26
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2805S Audio Rejection
FIGURE 27
0.1
1
10
100
0
100
20
40
60
80
Frequency (kHz)
MOR2815S Audio Rejection
FIGURE 29
FIGURE 30
FIGURE 31
MOR2812D Sync Out
500 ns/div
MOR2805S Output Ripple (Vout)
1 µs/div
MOR2805S Input Ripple Current (Iin)
1 µs/div
25 µs/div
0 V
Representative of all models
80% Load
Typical Performance Curves: 25°C Tc , 28 VDC Vin, 100% load, 20 MHz BW, free run, unless otherwise specified.
FIGURE 23
FIGURE 25
16V
28V
40V
10.5
105
52.5
50
60
70
80
90
Output Power (Watts)
MOR289R5D Efficiency
16V
28V
40V
12
120
60
50
60
70
80
90
Output Power (Watts)
MOR2815D Efficiency
16V
28V
40V
6.6
66
33
50
60
70
80
90
Output Power (Watts)
MOR283R3D Efficiency
FIGURE 20
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR2805D Efficiency
FIGURE 21
16V
28V
40V
11
110
55
50
60
70
80
90
Output Power (Watts)
MOR2812D Efficiency
FIGURE 24
FIGURE 22
16V
28V
40V
10
100
50
50
60
70
80
90
Output Power (Watts)
MOR286R3D Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com