Electronic Components Datasheet Search
  English  ▼

X  

1163795 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1163795
Description  SPE PCB connector - SPE-T1-M8MRM-90
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163795 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1163795 Datasheet HTML 1Page - PHOENIX CONTACT 1163795 Datasheet HTML 2Page - PHOENIX CONTACT 1163795 Datasheet HTML 3Page - PHOENIX CONTACT 1163795 Datasheet HTML 4Page - PHOENIX CONTACT 1163795 Datasheet HTML 5Page - PHOENIX CONTACT 1163795 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
SPE PCB connector, type: IEC 63171-5, degree of protection: IP20, number of positions: 2,
CAT B (ISO/IEC 63171), connection method: THR solder connection, Single Pair Ethernet
Your advantages
Connectors in accordance with IEC 63171-2
•
THR solderable
•
Data transmission up to 600 MHz
•
Packaging available for automated pick and place assembly
•
Commercial Data
Item number
1163795
Packing unit
1 pc
Minimum order quantity
100 pc
Sales Key
A08
Product Key
ABNIDA
GTIN
4063151176136
Weight per Piece (including packing)
8.33 g
Weight per Piece (excluding packing)
22.22 g
Customs tariff number
85366990
Country of origin
DE
SPE PCB connector - SPE-T1-M8MRM-90
1163795
https://www.phoenixcontact.com/us/products/1163795
Nov 3, 2022, 8:13 AM
Page 1 (6)


Similar Part No. - 1163795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1163793 PHOENIX-1163793 Datasheet
186Kb / 3P
SPE PCB connector - SPE-T1-M8MSM-180
1163797 PHOENIX-1163797 Datasheet
199Kb / 4P
SPE PCB connector - SPE-T1-STRM-90
1163797 PHOENIX-1163797 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/1,0/AWG22/CCP-SF
1163797 PHOENIX-1163797 Datasheet
198Kb / 3P
Patch cable - SPE-T1-CCP-SF/2,0/AWG22/CCP-SF
1163797 PHOENIX-1163797 Datasheet
201Kb / 4P
Patch cable - SPE-T1-CCP-SF/3,0/AWG22/CCP-SF
More results

Similar Description - 1163795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1163793 PHOENIX-1163793 Datasheet
186Kb / 3P
SPE PCB connector - SPE-T1-M8MSM-180
1163797 PHOENIX-1163797 Datasheet
199Kb / 4P
SPE PCB connector - SPE-T1-STRM-90
1163798 PHOENIX-1163798 Datasheet
284Kb / 4P
SPE PCB connector - SPE-T1-STSM-180
1215777 PHOENIX-1215777 Datasheet
242Kb / 6P
SPE PCB connector - SPE-T1-M8MSM-180-SMD
Nov 3, 2022
1215778 PHOENIX-1215778 Datasheet
252Kb / 8P
SPE PCB connector - SPE-T1-STRM-90-LED
Nov 3, 2022
1363336 PHOENIX-1363336 Datasheet
378Kb / 12P
SPE-T1-M12MSM-180 - SPE PCB connector
1363337 PHOENIX-1363337 Datasheet
419Kb / 13P
SPE-T1-M12FSF-180 - SPE PCB connector
1363338 PHOENIX-1363338 Datasheet
378Kb / 12P
SPE-T1-M12MRM-90 - SPE PCB connector
1363341 PHOENIX-1363341 Datasheet
419Kb / 13P
SPE-T1-M12FRF-90 - SPE PCB connector
1363342 PHOENIX-1363342 Datasheet
379Kb / 12P
SPE-T1-M12MSM-180-SMD - SPE PCB connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com