Electronic Components Datasheet Search
  English  ▼

X  

1163795 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1163795
Description  SPE PCB connector - SPE-T1-M8MRM-90
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1163795 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1163795 Datasheet HTML 1Page - PHOENIX CONTACT 1163795 Datasheet HTML 2Page - PHOENIX CONTACT 1163795 Datasheet HTML 3Page - PHOENIX CONTACT 1163795 Datasheet HTML 4Page - PHOENIX CONTACT 1163795 Datasheet HTML 5Page - PHOENIX CONTACT 1163795 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Technical Data
Product properties
Type
SPE
Product type
Female insert
Number of positions
2
Connection profile
SPE M8
Number of slots
1
Locking type
Screw locking
Shielded
yes
Thread type
M8
Insulation characteristics
Overvoltage category
I
Degree of pollution
2
Electrical properties
Rated voltage (III/2)
72 V DC
Rated surge voltage
2250 V DC
Rated surge voltage
1000 V DC
Rated current
4 A
Frequency range
5 Hz ... 500 Hz
Insulation resistance
> 1 TΩ
Contact resistance
20 MΩ (in accordance with IEC 63171)
Transmission medium
Copper
Output data
Transmission frequency
600.00 MHz
Connection data
Connection technology
Connection method
THR solder connection
Dimensions
Width
15.2 mm
Height
14.5 mm
Installed height
12.10 mm
Length
31.6 mm
Material specifications
Flammability rating according to UL 94
V0
Contact material
Copper alloy
Contact surface material
Gold
Contact carrier material
LCP
SPE PCB connector - SPE-T1-M8MRM-90
1163795
https://www.phoenixcontact.com/us/products/1163795
Nov 3, 2022, 8:13 AM
Page 2 (6)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com