Electronic Components Datasheet Search
  English  ▼

X  

DW2002BL Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # DW2002BL
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2002BL Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button DW2002BL Datasheet HTML 12Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 13Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 14Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 15Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 17Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 18Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 19Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
HEAVY-DUTY ACCESSORIES
36
FERROUS METAL CUTTING
SAW BLADES
PRECISION TRIM
SAW BLADES
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
HOOK ANGLE
TOOTH GRIND
KERF
MAX. SPEED
8-1/4" Blades
DW7118PT
Fine Crosscutting
8-1/2"
60
5/8"
-5°
ATB
.063"
9000rpm
10" Blades
DW7124PT
Fast Ripping
10"
24
5/8"
20°
FT
.071"
6000rpm
DW7140PT
Ripping / Crosscutting
10"
40
5/8"
20°
ATB
.071"
6000rpm
DW7150PT
Combination
10"
50
5/8"
15°
ATB+R
.071"
6000rpm
DW3215PT
Smooth Crosscutting
10"
60
5/8"
10°
ATB
.071"
6000rpm
DW3218PT
Fine Crosscutting
10"
80
5/8"
10°
ATB
.071"
6000rpm
12" Blades
DW3216PT
Smooth Crosscutting
12"
60
1"
-5°
ATB
.079"
4800rpm
DW3232PT
Fine Crosscutting
12"
80
1"
-5°
ATB
.079"
4800rpm
DW7296PT
Ultra-Smooth Crosscutting
12"
96
1"
-5°
ATB
.079"
4800rpm
DRYWALL BITS
16 GAUGE GALVANIZED
FINISH NAILS
CAT #
DESCRIPTION
SIZE
OVERALL LENGTH
DW6601
General Purpose Bit
1/8"
2 3/4"
DW6603
Drywall/Outlet Bit
1/8"
2 1/4"
DW6605
Piloted Drywall Bit
1/8"
2 3/8"
DW6609
Window & Door Bit
1/4"
3 1/4"
CAT #
DESCRIPTION
LENGTH
Angled
DCA16125
Heavy-Duty 20˚ Angled
1-1/4"
DCA16150
Heavy-Duty 20˚ Angled
1-1/2"
DCA16200
Heavy-Duty 20˚ Angled
2"
DCA16250
Heavy-Duty 20˚ Angled
2-1/2"
Straight
DCS16125
Heavy-Duty Straight
1-1/4"
DCS16150
Heavy-Duty Straight
1-1/2"
DCS16200
Heavy-Duty Straight
2"
DCS16250
Heavy-Duty Straight
2-1/2"
CARBIDE BURR BITS
CAT #
DESCRIPTION
SIZE
OVERALL LENGTH
DW6611
1/8" Carbide Burr Bit
1/8"
2"
DW6613
1/4" Carbide Burr Bit
1/4"
2"
LARGE DIAMETER
CONSTRUCTION SAW BLADES
CAT #
DESCRIPTION
DIAMETER
TEETH
ARBOR
HOOK
KERF
ANGLE
INCHES
10" Blades
DW3112
Fast Ripping Table Saw
10"
24
5/8"
+15°
.095"
DW3103
General Purpose
10"
32
5/8"
+5°
.095"
DW3114
General Purpose
10"
40
5/8"
+10°
.095"
DW3106
Fine Finish
10"
60
5/8"
+5°
.095"
12" Blades
DW3123
General Purpose
12"
32
1"
-5°
.095"
DW3126
Fine Finish
12"
60
1"
0°
.095"
DW3128
Fine Crosscuts
12"
80
1"
+5°
.095"
Combo Packs
Description
Diameter
Arbor
Teeth
DW3106P5
10" Combo Pack (DW3106 & DW3103)
10"
5/8"
60, 32
DW3128P5
12" Combo Pack (DW3128 & DW3123)
12"
1"
80, 32
Let the blade do the work; do not force blade
through the material.
CAT #
DIAMETER
TEETH
ARBOR HOOK ANGLE
KERF
TOOTH GRIND
MAX. SPEED
Stationary
DW7737
12"
60
1"
0°
0.087"
M-ATB
1,800rpm
DW7739
12"
80
1"
0°
0.087"
M-ATB
1,800rpm
DW7747
14"
70
1"
0°
0.087"
M-ATB
1,800rpm
DW7745
14"
90
1"
0°
0.087"
M-ATB
1,800rpm
DW7749
14"
90
1"
0°
0.087"
M-ATB
1,800rpm
Corded
DW7799
7-1/4"
48
5/8"
0°
0.079"
ATB
5,800rpm
Cordless
DW7763
6-3/4"
40
20mm
0°
0.069"
M-ATB
3,500rpm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com