Electronic Components Datasheet Search
  English  ▼

X  

DW2002BL Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DW2002BL
Description  CONTENTS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DW2002BL Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DW2002BL Datasheet HTML 9Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 10Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 11Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 12Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 13Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 14Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 15Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 16Page - List of Unclassifed Manufacturers DW2002BL Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
HEAVY-DUTY ACCESSORIES
33
WOOD CUTTING
RECIPROCATING SAW BLADES
CAT #
LENGTH
TPI
BODY TYPE
Wood Cutting 2 Packs
DW4802-2
6"
6
Taper
DW4804-2
12"
6
Taper
DW4847-2
6"
5/8
Taper
Wood Cutting 5 Packs
DW4801
6"
3
Taper
DW4802
6"
6
Taper
DW4803
9"
6
Taper
DW4804
12"
6
Taper
DW4847
6"
5/8
Taper
DW4848
9"
5/8
Taper
DW4849
12"
5/8
Taper
CAT #
LENGTH
TPI
BODY TYPE
Wood Cutting 10 Pack
DW4802-10
6"
6
Taper
Wood Cutting 25 Packs
DW4802B25
6"
6
Taper
DW4803B25
9"
6
Taper
DW4804B25
12"
6
Taper
DW4847B25
6"
5/8
Taper
Wood Cutting 100 Packs
DW4802B
6"
6
Taper
DW4803B
9"
6
Taper
DW4804B
12"
6
Taper
Multi-Material 2 Packs
DW4806-2
6"
10
Straight
DW4845-2
6"
10/14
Straight
CAT #
LENGTH
TPI
BODY TYPE
Multi-Material 5 Packs
DW4850
6"
6
Straight
DW4806
6"
10
Straight
DW4845
6"
10/14
Straight
DW4846
8"
10/14
Straight
Multi-Material 25 Packs
DW4806B25
6"
10
Straight
DW4845B25
6"
10/14
Straight
DW4846B25
8"
10/14
Straight
Multi-Material 100 Packs
DW4806B
6"
10
Straight
DW4845B
6"
10/14
Straight
DW4846B
8"
10/14
Straight
METAL CUTTING
RECIPROCATING SAW BLADES
CAT #
LENGTH
TPI
BODY TYPE
2 Packs
DW4808-2
6"
14
Straight
DW4810-2
4"
18
Straight
DW4811-2
6"
18
Straight
DW4813-2
6"
24
Straight
5 Packs
DW4807
4"
14
Straight
DW4808
6"
14
Straight
DW4809
8"
14
Straight
DW4838
12"
14
Straight
DW4810
4"
18
Straight
DW4811
6"
18
Straight
DW4821
8"
18
Straight
DW4812
4"
24
Straight
DW4813
6"
24
Straight
CAT #
LENGTH
TPI
BODY TYPE
10 Pack
DW4811-10
6"
18
Straight
25 Packs
DW4807B25
4"
14
Straight
DW4808B25
6"
14
Straight
DW4809B25
8"
14
Straight
DW4839B25
12"
10/14
Straight
DW4810B25
4"
18
Straight
DW4811B25
6"
18
Straight
DW4821B25
8"
18
Straight
DW4822B25
12"
18
Straight
DW4812B25
4"
24
Straight
DW4813B25
6"
24
Straight
CAT #
LENGTH
TPI
BODY TYPE
100 Packs
DW4807B
4"
14
Straight
DW4808B
6"
14
Straight
DW4809B
8"
14
Straight
DW4839B
12"
10/14
Straight
DW4811B
6"
18
Straight
DW4821B
8"
18
Straight
DW4813B
6"
24
Straight
Sharper Tooth Cuts
Material Faster
Competition
10
15
20
25
30
35
40
SECONDS PER CUT
27
23
36
LESS
IS
BETTER
48-00-5184
618G
DW4811
Increased Shank Angle =
Increased Tooth Contact
Competition
0
10
20
30
40
50
NUMBER OF CUTS
29
46
5
MORE
IS
BETTER
48-00-5184
618G
DW4811
DEMOLITION
RECIPROCATING SAW BLADES
CAT #
LENGTH
TPI
BODY TYPE
5 Packs
DW4862
6"
6
Taper
DW4863
9"
6
Taper
DW4860
12"
6
Taper
DW4861
4"
10
Straight
DW4864
6"
10
Straight
DW4865
9"
10
Straight
DW4870
12"
10
Straight
DW4866
6"
14
Straight
DW4868
9"
14
Straight
DW4867
6"
18
Straight
DW4869
9"
18
Straight
DW4871
12"
18
Straight
CAT #
LENGTH
TPI
BODY TYPE
25 Packs
DW4863B25
9"
6
Taper
DW4865B25
9"
10
Straight
100 Packs
DW4863B
9"
6
Taper
DW4864B
6"
10
Straight
DW4865B
9"
10
Straight
DW4866B
6"
14
Straight
DW4868B
9"
14
Straight
MISCELLANEOUS
RECIPROCATING SAW BLADES
CAT #
LENGTH
TPI
BODY TYPE
3 Packs
DW4876
6"
5/8
Cordless
DW4878
6"
18
Cordless
5 Packs
DW4814
3-1/2"
14
Scrolling
DW4815
3-1/2"
18
Scrolling
DW4816
6"
6
Scrolling
DW4851
6"
6
Drywall
DW4843
8"
Coarse
Carbide Grit
DW4844
6"
Coarse
Carbide Grit
RECIPROCATING SAW
BLADE SETS
DW4853
3 Piece
Cordless
Wood/Metal
Cutting Set
DW4856
6 Piece
Wood/Metal
Cutting Set
DW4857
5 Piece
Wood/Metal
Cutting Set
DW4890
15 Piece
Wood/Metal
Cutting Set in
Tough Case
TM
DW4892
12 Piece
Wood/Metal
Cutting Set
in Case
DW4896
6 Piece
Wood/Metal
Cutting Set
in Case
EXPANDABLE TOUGH
CASETM CONTAINER
•Adjusts for 6" & 9" Blades
•Fits in Power Tool Case
•Fast Blade Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com