Electronic Components Datasheet Search
  English  ▼

X  

GLZ1AD Datasheet(PDF) 18 Page - Honeywell Solid State Electronics Center

Part # GLZ1AD
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AD Datasheet(HTML) 18 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 19Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 20Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Limit and Enclosed Switches
Proper Application of Limit Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A27
The following are guidelines for the correct application of Limit
Switches.
Never use the Limit Switch as a physical end stop. Mechanical
damage or incorrect operation may occur if this is done. Always
ensure that the mechanical actuator is protected from excessive
mechanical shock. Never release the actuator suddenly – gradual
actuation and release will ensure that stress on the mechanics of the
switch is kept to a minimum. This has the added benefit that the
switch life will be improved.
The following diagrams illustrate how to actuate your limit switch for
optimum performance.
For limit switches with pushrod actuators, the actuating force should be applied as
nearly as possible in line with the pushrod axis.
Cam or dog arrangements should be such that the actuator is not suddenly
released to snap back freely.
Operating mechanisms for limit switches should be so designed that, under any
operating or emergency conditions, the limit switch is not operated beyond its
overtravel limit position. A limit switch should not be used as a mechanical stop.
For limit switches with lever actuators, the actuating force should be applied as
nearly perpendicular to the lever as practical and perpendicular to the shaft axis
about which the lever rotates.
Tools
The following tools will be needed – depending on the task.
Posidrive screwdriver n° 1& n° 2
Allen key 3 mm
When tightening a screw down the maximum force which should be
applied should not exceed 80N.cm (7in.LB) on any screw on the
complete assembly or basic switch terminal.
Mounting Instructions
Mounting, Installation and Wiring of the Limit Switch plays a critical
role in the performance of the switch in service. Care should be
taken in the position and orientation of the switch for optimum
performance. All of the guidelines given below apply equally when
replacing parts on the switch.
Wiring
The GLS series has been designed to accept 14AWG wire maxi-
mum. Care should be taken to ensure that the wires are carefully
arranged in the switch so that they do not overlap or otherwise
interfere with the operation of the switch when the switch cover is
replaced. If the wires are trapped between the basic and the cover
then the switch may fail to operate correctly – ensure that an
adequate gap exists between the fitted wires and the cover when
fitted. It is not good practice to have very different diameter wires
share the same terminal in the switch – uneven pressure on the wires
will result.
Mounting
The GLS series has been designed to be extremely flexible in
mounting. Elongated mounting holes mean that the switch can be
adjusted substantially prior to fixing in position. We recommend M4
maximum screws be used for mounting the switch in its application.
Fix and test the switch for intended switch point in the application.
When mounting the switch ensure that it is positioned to allow
natural drainage of any moisture which may enter the enclosure
during service. Natural drainage can be achieved by mounting the
switch upright with the conduit entry at the bottom of the switch.
Mounting the switch in the upright position will enable maintenance
and replacement procedures to be carried out easily.
Adjustment and Set-up
In general no adjustment of the GLS should be necessary beyond
correct mounting of the switch body as required. It is possible to
change the switch actuator orientation. The example below shows a
top roller plunger head rotated through 90°. The other head styles
can also be rotated.
The head can be rotated by carefully removing the four combination
head screws holding the head in position. Carefully remove the
head assembly and rotate to the desired position. Replace the head
assembly and tighten the mounting screws. Ensure that the head is
properly located. Hand test the actuator to ensure that the switch
functions and the actuator moves freely (sticking can occur if materi-
al has been deposited inside the drive train whilst the head assem-
bly was removed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com