Electronic Components Datasheet Search
  English  ▼

X  

GLZ1AD Datasheet(PDF) 20 Page - Honeywell Solid State Electronics Center

Part # GLZ1AD
Description  Interactive Catalog Supplements Catalog PDFs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

GLZ1AD Datasheet(HTML) 20 Page - Honeywell Solid State Electronics Center

Back Button GLZ1AD Datasheet HTML 12Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 13Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 14Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 15Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 16Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 17Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 18Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 19Page - Honeywell Solid State Electronics Center GLZ1AD Datasheet HTML 20Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Limit and Enclosed Switches
Honeywell Sensing and Control 1-800-537-6945 USA
1-815-235-6847 International 1-800-737-3360 Canada
A29
Miniature EN 50047 body style
Use same replacement procedure as above except that no retaining
screw is involved. The basic switch is secured in the miniature
housings by a press fit. To remove an inoperative switch, merely
grasp the basic firmly and pull it out of the housing. Insert the new
switch in its place. Then wire the new basic as before and test it in the
application.
Plug-in EN 50041 body style
The switch enclosure portion of this two-piece body style plugs into
a pre-wired terminal block mounted in the application. Replacement
is accomplished by unplugging the old switch enclosure and plug-
ging-in a new switch enclosure (basics are permanently staked in
the switch enclosure).
LED Wiring
The GLF, GLG, GLH and GLJ versions of GLS (EN 50041) come
complete with LED indicators. These indicators can be wired in a
variety of ways. The standard adopted in the GLG (1 LED Plug-in
body) and in the GLJ (2 LED Plug-in body) versions is to use green to
indicate power available and yellow to indicate operation. Operation
can indicate actuator free or actuator operated depending on the
wireing arrangement employed.
The table below indicates the body styles and indicators offered.
Body
Function
Spec.
GLF...
1 LED
12 → 250V AC and DC Less than
1,5mA draw
GLG...
1 LED plug-in 12 → 250V AC and DC Less than
1,5mA draw
GLH...
2 LED
18 → 30V DC 7mA typ. current draw
GLJ...
2 LED plug-in 18 → 30V DC 7mA typ. current draw
The following wiring arrangements show possible configurations
that can be used for the LED’s. Combinations of these arrange-
ments can be used where the dual LED versions of GLS are
employed.
In ‘‘Wiring Arrangement 1’’ you can see that while the main basic is
open the current for the LED can flow through the LED (via the load)
and the LED illuminates.
In ‘‘Wiring Arrangement 2’’ you can see that while the main switch is
closed the current for the LED cannot flow through the LED and the
LED will not illuminate.
In ‘‘Wiring Arrangement 3’’ you can see that regardless of the
position of the main switch the current for the LED can flow through
the LED and the LED will illuminate indicating power available.
In ‘‘Wiring Arrangement 4’’ you can see that when the load is
energised the LED will illuminate.
The above circuit ideas give a flavour for what is possible with these
versions of GLS. The LED’s should be treated as ’’for indication
only’’ devices.
Note:
While every effort is made to ensure that the above guidelines are
accurate, no responsibility can be accepted for failure to apply good
engineering practice to machinery design and use of Honeywell
products. Never apply any of the procedures outlined above on live
circuits. Ensure that testing of changes is carried out with no risk of
injury during tests. These guidelines are produced to help our
customers make the right choices in applying our Limit Switches to
general applications. Contact your local Honeywell representative if
you have any difficulties.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com