Electronic Components Datasheet Search
  English  ▼

X  

SMTR2815S/KR Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # SMTR2815S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2815S/KR Datasheet(HTML) 5 Page - Interpoint Corporation Company

  SMTR2815S/KR Datasheet HTML 1Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SMTR SERIES
30 WATT
DC/DC CONVERTERS
®
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 8
FIGURE 10
OUTPUT POWER (Watts)
SMTR2812D EFFICIENCY
60
85
80
75
70
65
5
10
15
20
16V
40V
28V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
AUDIO REJECTION, SMTR SERIES
OUTPUT POWER (Watts)
SMTR2805S EFFICIENCY
60
85
80
75
70
65
5
10
15
20
25
16V
40V
28V
FIGURE 5
OUTPUT POWER (Watts)
SMTR2812S EFFICIENCY
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
FIGURE 6
OUTPUT POWER (Watts)
SMTR2815D EFFICIENCY
65
90
85
80
75
70
5
10
15
20
40V
28V
16V
FIGURE 9
FIGURE 7
OUTPUT POWER (Watts)
SMTR2815S EFFICIENCY
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
25
MODEL NUMBERING KEY
SMD NUMBERS
SMTR
28 05 S F / K
R
Base Model
Input Voltage
Output Voltage
Screening
Number of Outputs
(S = single, D = dual)
Radiation Level
Case Option
(Non-flanged case has no designator
in this position)
STANDARD MICROCIRCUIT
DRAWING (SMD)
5962-0150102HXC
5962-9306802HXC
5962-9306902HXC
5962-9307002HXC
IN PROCESS
IN PROCESS
IN PROCESS
MTR SERIES
SIMILAR PART
SMTR283R3S/HO
SMTR2805S/HO
SMTR2812S/HO
SMTR2815S/HO
SMTR2805D/HO
SMTR2812D/HO
SMTR2815D/HO
To indicate the flanged case option change the “X” to “Z” In the
SMD number. The SMD number shown is for Class H
screening, non-flanged, and no Radiation Hardness Assurance
(RHA) level. See the SMD for the numbers for other screening
and radiation levels. For exact specifications for an SMD
product, refer to the SMD drawing. Call your Interpoint repre-
sentative for status on the SMTR SMD releases which are “in
process.” SMDs can be downloaded from
http://www.dscc.dla.mil/programs/smcr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com