Electronic Components Datasheet Search
  English  ▼

X  

SMTR2815S/KR Datasheet(PDF) 6 Page - Interpoint Corporation Company

Part # SMTR2815S/KR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR2815S/KR Datasheet(HTML) 6 Page - Interpoint Corporation Company

Back Button SMTR2815S/KR Datasheet HTML 2Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 3Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 4Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 5Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 6Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 7Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMTR2815S/KR Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
SMTR SERIES
30 WATT
DC/DC CONVERTERS
®
DC/DC CONVERTERS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, free run, unless otherwise specified.
FIGURE 20
OUTPUT LOAD (%)
COND. B: 50% LOAD +V, 50% to 10% –V
COND. A: 50% LOAD –V, 50% to 10% +V
CROSS REGULATION
–8
0
8
10
20
30
40
50
–7
–6
–5
–4
–3
–2
–1
1
2
3
4
5
6
7
COND A
COND B
2812D
2812D
2815D
2805D
2805D
50
µs/div
10%
100%
SMTR2815D +VOUT STEP LOAD RESPONSE
3W to 15W
15W to 3W
FIGURE 17
200
µs/div
SMTR2815D TURN-ON INTO NO LOAD
VIN
+VOUT
–VOUT
FIGURE 18
OUTPUT POWER (Watts)
1% DROP
SMTR SINGLES AND DUALS
LOW LINE DROPOUT
13.0
13.5
14.0
14.5
15.0
15.5
16.0
9
12
15
18
21
24
27
30
FIGURE 21
FIGURE 19
3
27
6
24
9
21
12
18
15
15
18
12
21
9
24
6
27
3
30
0
+POUT
–POUT
0
30
OUTPUT LOAD (Watts)
10% to 90% LOAD +V
90% to 10% LOAD –V
CROSS REGULATION
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
2812D
2815D
2815D
2812D
2805D
2805D
FIGURE 14
FIGURE 16
500
µs / div
SMTR2805S TURN-ON INTO NO LOAD
VIN
VOUT
50
µs/div
25%
50%
SMTR2815D +VOUT STEP LOAD RESPONSE
–POUT=15W
7.5W to 15W
15W to 7.5W
50
µs/div
16 TO 40V
SMTR2805S STEP LINE RESPONSE
VIN
VOUT
FIGURE 11
50
µs/div
50%
100%
SMTR2805S STEP LOAD RESPONSE
25W to 12.5W
12.5W to 25W
FIGURE 12
50
µs/div
16 TO 40
SMTR2815D STEP LINE RESPONSE
VIN
+VOUT
–VOUT
FIGURE 15
FIGURE 13
50
µs/div
10%
100%
SMTR2805S STEP LOAD RESPONSE
25W to 2.5W
2.5W to 25W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com