Electronic Components Datasheet Search
  English  ▼

X  

LSED-6R Datasheet(PDF) 47 Page - IDEC Corporation

Part # LSED-6R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-6R Datasheet(HTML) 47 Page - IDEC Corporation

Back Button LSED-6R Datasheet HTML 43Page - IDEC Corporation LSED-6R Datasheet HTML 44Page - IDEC Corporation LSED-6R Datasheet HTML 45Page - IDEC Corporation LSED-6R Datasheet HTML 46Page - IDEC Corporation LSED-6R Datasheet HTML 47Page - IDEC Corporation LSED-6R Datasheet HTML 48Page - IDEC Corporation LSED-6R Datasheet HTML 49Page - IDEC Corporation LSED-6R Datasheet HTML 50Page - IDEC Corporation LSED-6R Datasheet HTML 51Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
47
ø30 mm, 4-contact Emergency Stop Switch.
Padlockable and flush bezel are available.
Direct Opening Action
• Padlockable, flush bezel, ø60mm jumbo mushroom,
illuminated, LED push-on are available.
• IDEC’s original “Safe break action” and reverse energy struc-
ture ensure the highest level of safety.
• Safety lock mechanism (IEC 60947-5-5, 6.2)
• Direct opening action mechanism (IEC 60947-5-5, 5.2,
IEC60947-5-1, Annex K)
• Short depth behind the panel – only 47.7 mm for 4-contact,
illuminated (flush bezel: 60.4 mm, padlockable: 61.4 mm)
• Padlockable can be locked using padlocks when latched
(main contact: OFF). The rugged aluminum diecast shroud
allows for installing a maximum of 20 padlocks using a hasp
(total weight: 1500g maximum).
• Gold-plated silver contacts.
• Red (Munsell 5R4/12) or bright red (Munsell 7.5R4.5/14)
colors are available.
Standards
Applicable
Standards
Mark
File No. or Organization
UL508
CSA C22.2 No. 14
UL/c-UL File No. E68961
IEC60947-5-5
UL991
NFPA79
UL Listing File No. E305148
EN60947-5-5
TÜV SÜD
EU Low Voltage Directive
GB14048.5
CCC No. 2008010305290010
Contact Ratings
NC main contacts/NO monitor contacts
Rated Insulation Voltage (Ui)
250V
Rated Thermal Current (Ith)
5A
Rated Operating Voltage (Ue)
30V
125V
250V
Main
Contacts
AC
50/60
Hz
Resistive Load
(AC-12)
–
5A
3A
Inductive Load
(AC-15)
–
3A
1.5A
DC
Resistive Load
(DC-12)
2A
0.4A
0.2A
Inductive Load
(DC-13)
1A
0.22A
0.1A
Monitor
Contacts
AC
50/60
Hz
Resistive Load
(AC-12)
–
1.2A
0.6A
Inductive Load
(AC-14)
–
0.6A
0.3A
DC
Resistive Load
(DC-12)
2A
0.4A
0.2A
Inductive Load
(DC-13)
1A
0.22A
0.1A
Contact Material
Gold-plated Silver
• Minimum applicable load: 5V AC/DC, 1 mA (reference value)
(May vary depending on the operating conditions and load types.)
• The rated operating currents are measured at resistive/inductive load
types specified in IEC 60947-5-1.
Illumination Ratings (LED)
Rated Voltage
Operating Voltage
Rated Current
24V AC/DC
24V AC/DC ±10%
15 mA
Specifications
Applicable Standards
IEC60947-5-1, EN60947-5-1
IEC60947-5-5, EN60947-5-5
JIS C8201-5-1, UL508, UL991, NFPA79
CSA C22.2 No. 14, GB14048.5
Operating Temperature
Non-illuminated: –25 to +60°C (no freezing)
Illuminated:
–25 to +55°C (no freezing)
Storage Temperature
–45 to +80°C
Operating Humidity
45 to 85% RH (no condensation)
Minimum Force Required
for Direct Opening Action
80N
Minimum Operator Stroke
Required for Direct
Opening Action
4.0 mm
Maximum Operator Stroke 4.5 mm
Contact Resistance
50 mΩ maximum (initial value)
Insulation Resistance
100 MΩ minimum (500V DC megger)
Overvoltage Category
II
Impulse Withstand Voltage
2.5 kV
Pollution Degree
3
Operating Frequency
900 operations/hour
Shock Resistance
Operating extremes: 150 m/s2
Damage limits:
1000 m/s2
Vibration Resistance
Operating extremes:
10 to 500 Hz, amplitude 0.35 mm, acceleration 50 m/s2
Damage limits:
10 to 500 Hz, amplitude 0.35 mm, acceleration 50 m/s2
Durability
(at 900 operations/h,
on-duration 40%)
Mechanical: 250,000 operations minimum
Electrical:
100,000 operations minimum
250,000 operations minimum
(24V AC/DC, 100 mA)
Degree of Protection
Operator: IP65 (IEC60529)
Terminal: IP20 (when XW9Z-VL2MF is installed)
Short-circuit Protection
250V/10A fuse (Type aM, IEC60269-1/IEC60269-2)
Conditional Short-circuit
Current
1000A
Terminal Style
M3 screw terminal
Recommended Tightening
Torque for Terminal Screw
0.6 to 1.0 N·m
Recommended Tightening
Torque for Locking Ring
2.5 N·m
Applicable Wire Size
0.75 to 1.25 mm2 (AWG18 to 16)
Total Weight of a Hasp
and Padlocks
1500g maximum (padlockable)
Reinforced Insulation
(IEC 60664-1)
Between live part and metal bezel
(flush bezel, padlockable)
Weight
83g (XN1E-LV404Q4MR)
93g (XN1E-BV504MR)
89g (XN5E-LV404Q4MR)
120g (XN4E-LL404Q4MR)
XN Series Emergency Stop Switches
ø30
XN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com