Electronic Components Datasheet Search
  English  ▼

X  

LSED-6R Datasheet(PDF) 5 Page - IDEC Corporation

Part # LSED-6R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-6R Datasheet(HTML) 5 Page - IDEC Corporation

  LSED-6R Datasheet HTML 1Page - IDEC Corporation LSED-6R Datasheet HTML 2Page - IDEC Corporation LSED-6R Datasheet HTML 3Page - IDEC Corporation LSED-6R Datasheet HTML 4Page - IDEC Corporation LSED-6R Datasheet HTML 5Page - IDEC Corporation LSED-6R Datasheet HTML 6Page - IDEC Corporation LSED-6R Datasheet HTML 7Page - IDEC Corporation LSED-6R Datasheet HTML 8Page - IDEC Corporation LSED-6R Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
Emergency Stop Switches Selection Diagram
Pushlock
Pull or
Turn
Reset
Detachable
Contact
Block
Detachable
Contact
Block
Detachable
Contact
Block
Pushlock
Pull or
Turn
Reset
Pushlock
Pull or
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
Pushlock
Turn
Reset
ø30mm
Mount
Hole
Padlock-
able
Padlock-
able
Padlock-
able
ø40mm
Button
ø40mm
Button
ø44mm
Button
ø40mm
Button
ø44mm
Button
Plastic
Bezel
Flush
Bezel
Plastic
Bezel
Flush
Bezel
Plastic
Bezel
Flush
Bezel
ø60mm
Button
ø44mm
Button
Non
illuminated
Push-ON
Illuminated
Continued on Next Page
Pushlock
Pull or
Turn Reset
Detachable
Contact
Block
ø40mm
Button
Push-ON
Reverse Energy Structure
Safe Break Action
Model
Applicable
Standards
Mark
Page
XW1E-TV4
(Screw Terminal)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
23
XW1E-TV4
(Connector)
EN60947-5-5
UL508
23
XN1E-BV4
(Plastic Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
48
XN5E-BV4
(Flush Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
49
XN1E-BV5
(Plastic Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
48
XN4E-BL4
(Padlockable)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
50
XN1E-LV4
(Plastic Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
48
XN5E-LV4
(Flush Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
49
XN4E-LL4
(Padlockable)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
50
XN1E-TV4
(Plastic Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
48
XN5E-TV4
(Flush Bezel)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
49
XN4E-TL4
(Padlockable)
EN60947-5-5
UL508/UL991
NFPA79
CSA C22.2
No.14
GB14048.5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com