Electronic Components Datasheet Search
  English  ▼

X  

DEMD48 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DEMD48
Description  DUAL NPN/PNP PRE-BIASED TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DEMD48 Datasheet(HTML) 1 Page - Diodes Incorporated

  DEMD48 Datasheet HTML 1Page - Diodes Incorporated DEMD48 Datasheet HTML 2Page - Diodes Incorporated DEMD48 Datasheet HTML 3Page - Diodes Incorporated DEMD48 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS31224 Rev. 4 - 2
1 of 4
www.diodes.com
DEMD48
© Diodes Incorporated
DEMD48
DUAL NPN/PNP PRE-BIASED TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Surface Mount Package Suited for Automated Assembly
•
Simplifies Circuit Design and Reduces Board Space
•
Lead Free/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT-563
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020C
•
Terminals: Finish
⎯ Matte Tin Finish annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.005 grams (approximate)
Reference
Device Type
R1(Nom)
R2(Nom)
Q1
NPN
47k
Ω
47k
Ω
Q2
PNP
2.2 k
Ω
47k
Ω
SOT-563
6
Q
1
Q
2
54
3
12
R
1
R
2
R
1
R
2
47k
47k
2.2k
47k
Maximum Ratings, Total Device @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
PD
300
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RθJA
417
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Maximum Ratings, Pre-Biased NPN Transistor, Q1 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
10
V
Input Voltage
VIN
-10 to +40
V
Output Current (DC)
IO
100
mA
Peak Collector Current
ICM
100
mA
Maximum Ratings, Pre-Biased PNP Transistor, Q2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-10
V
Input Voltage
VIN
-12 to +5
V
Output Current (DC)
IO
-100
mA
Peak Collector Current
ICM
-100
mA
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - DEMD48

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DEMD-9S-J-K126 ITT-DEMD-9S-J-K126 Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: D*M
DEMD5C1PJK87 ITT-DEMD5C1PJK87 Datasheet
9Mb / 301P
D Subminiature Connectors
DEMD5C1PVK87 ITT-DEMD5C1PVK87 Datasheet
9Mb / 301P
D Subminiature Connectors
DEMD5C1SJA197 ITT-DEMD5C1SJA197 Datasheet
9Mb / 301P
D Subminiature Connectors
DEMD5C1SVA197 ITT-DEMD5C1SVA197 Datasheet
9Mb / 301P
D Subminiature Connectors
More results

Similar Description - DEMD48

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC144NS DIODES-DDC144NS_1 Datasheet
278Kb / 4P
DUAL NPN PRE-BIASED TRANSISTOR
DS30747 Rev. 6 - 2
UMG4N DIODES-UMG4N Datasheet
229Kb / 3P
DUAL NPN PRE-BIASED TRANSISTOR
DS31207 Rev. 3 - 2
ADA114EUQ DIODES-ADA114EUQ Datasheet
457Kb / 6P
PNP PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
ADA114YUQ DIODES-ADA114YUQ Datasheet
438Kb / 6P
PNP PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
ADC114EUQ DIODES-ADC114EUQ Datasheet
479Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 2 - 2 April 2021
ADC114YUQ DIODES-ADC114YUQ Datasheet
442Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
ADC124EUQ DIODES-ADC124EUQ Datasheet
442Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 April 2021
ADC143TUQ DIODES-ADC143TUQ Datasheet
591Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 2 - 2 May 2021
ADC143ZUQ DIODES-ADC143ZUQ Datasheet
483Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 3 - 2 May 2021
ADC144EUQ DIODES-ADC144EUQ Datasheet
444Kb / 6P
NPN PRE-BIASED DUAL TRANSISTOR IN SOT363
Rev. 2 - 2 May 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com