Electronic Components Datasheet Search
  English  ▼

X  

DGD0215 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD0215
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0215 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD0215 Datasheet HTML 1Page - Diodes Incorporated DGD0215 Datasheet HTML 2Page - Diodes Incorporated DGD0215 Datasheet HTML 3Page - Diodes Incorporated DGD0215 Datasheet HTML 4Page - Diodes Incorporated DGD0215 Datasheet HTML 5Page - Diodes Incorporated DGD0215 Datasheet HTML 6Page - Diodes Incorporated DGD0215 Datasheet HTML 7Page - Diodes Incorporated DGD0215 Datasheet HTML 8Page - Diodes Incorporated DGD0215 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DGD0215/0216
Document number: DS40183 Rev. 6 - 2
4 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0215/0216
DC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.4
1.6
—
V
—
Logic “0” Input Voltage
VIL
—
1.3
0.8
V
—
Logic “1” Input Bias Current
IIN+
—
—
5
µA
VIN = 3V, VIN* = 0V
Logic “0” Input Bias Current
IIN-
—
—
2
µA
VIN = 0V, VIN* = 3V
High Level Output Voltage, VBIAS - VO
VOH
—
25
—
mV
—
Low Level Output Voltage
VOL
—
25
—
mV
—
Quiescent VCC Supply Current
ICCQ
—
50
100
µA
VIN = 0V or 3V
Output High Short Circuit Pulsed Current
IO+
—
1.9
—
A
VCC = 12V
Output Low Short Circuit Pulsed Current
IO-
—
1.8
—
A
VCC = 12V
Output Resistance, High
ROH
—
3.3
—
Ω
IOUT = 10mA, VCC = 12V
Output Resistance, Low
ROL
—
2.3
—
Ω
IOUT = 10mA, VCC = 12V
AC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Rise Time
tr
—
15
25
ns
CL = 1000pF, VCC = 12V
Turn-Off Fall Time
tf
—
15
25
ns
CL = 1000pF, VCC = 12V
Turn-On Propagation Delay
tON
—
35
50
ns
VCC = 12V
Turn-Off Propagation Delay
tOFF
—
35
55
ns
VCC = 12V
DC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), @TC = -40°C to +125°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.4
—
—
V
—
Logic “0” Input Voltage
VIL
—
—
0.8
V
—
Logic “1” Input Bias Current
IIN+
—
—
10
µA
VIN = 3V
Logic “0” Input Bias Current
IIN-
—
0
5
µA
VIN = 0V
High Level Output Voltage, VBIAS - VO
VOH
—
25
—
mV
—
Low Level Output Voltage
VOL
—
25
—
mV
—
Quiescent VCC Supply Current
ICCQ
—
0.1
0.2
mA
VIN = 0V or 3V
Output Resistance, High
ROH
—
—
10
Ω
IOUT = 10mA, VCC = 12V
Output Resistance, Low
ROL
—
—
7
Ω
IOUT = 10mA, VCC = 12V
Note:
7. The VIN and IIN parameters are applicable to the logic input pins: IN and IN*. The VO and IO parameters are applicable to the output pins: OUT and OUT*.
AC Electrical Characteristics (VBIAS (4.5V < VCC < 18V), @TC = -40°C to +125°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-On Rise Time
tr
—
30
40
ns
CL = 1000pF, VCC = 12V
Turn-Off Fall Time
tf
—
30
40
ns
CL = 1000pF, VCC = 12V
Turn-On Propagation Delay
tON
—
45
55
ns
VCC = 12V
Turn-Off Propagation Delay
tOFF
—
50
60
ns
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com