Electronic Components Datasheet Search
  English  ▼

X  

DGD0215 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # DGD0215
Description  1.9A HIGH SPEED SINGLE GATE DRIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD0215 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button DGD0215 Datasheet HTML 3Page - Diodes Incorporated DGD0215 Datasheet HTML 4Page - Diodes Incorporated DGD0215 Datasheet HTML 5Page - Diodes Incorporated DGD0215 Datasheet HTML 6Page - Diodes Incorporated DGD0215 Datasheet HTML 7Page - Diodes Incorporated DGD0215 Datasheet HTML 8Page - Diodes Incorporated DGD0215 Datasheet HTML 9Page - Diodes Incorporated DGD0215 Datasheet HTML 10Page - Diodes Incorporated DGD0215 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DGD0215/0216
Document number: DS40183 Rev. 6 - 2
10 of 11
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DGD0215/0216
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT25 (Standard)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
TSOT25 (Standard)
Y1
C
X
Y
TSOT25 (Standard)
Dim
Min
Max
Typ
A
--
1.10
--
A1
0.01
0.10
--
A2
0.70
1.00
0.90
b
0.30
0.50
--
c
0.08
0.20
--
D
2.90 BSC
E
2.80 BSC
E1
1.60 BSC
e
0.95 BSC
e1
1.90 BSC
L1
0.60 REF
All Dimensions in mm
Dimensions
Value (in mm)
C
0.950
X
0.700
Y
1.000
Y1
3.199
E
e
A2
A1
Seating Plane
D
E1
e1
c
A
L1
b
1
OPTION B
(TOP VIEW)
OPTION A
(TOP VIEW)
OPTION B
(SIDE VIEW)
OPTION A
(SIDE VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com